| 전자부품 데이터시트 검색엔진 |
|
MMK 데이터시트(PDF) 2 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
MMK 데이터시트(HTML) 2 Page - Omron Electronics LLC |
|
2 / 14 page ![]() MMK 2 Open Coils (with Screw Terminals) Cased Coils (Plug-in Terminals) Model Number Legend 1. Contact Form 2: DPDT 3: 3PDT 4: 4PDT (open structure type)/ DPDT+DPST-NO (cased type) 2. Type (see note) None: Standard X: DC-switching 3. Terminal Shape None: Solder B: Screw P: Plug-in Note: The suffix “JD” indicates models conforming to auxiliary power relay specifications. Type Contact form Relay model Available rated voltage Standard DPDT MM2KB 100/(110), 200/(220) VAC 12, 24, 48, 100/110 VDC 3PDT MM3KB 100/(110), 200/(220) VAC 12, 48, 100/110 VDC 4PDT MM4KB 24, 100/(110), 200/(220) VAC 100/110 VDC DC-switching DPDT MM2XKB 100/(110), 200/(220) VAC 12, 24, 48, 100/110, 200/220 VDC 3PDT MM3XKB 200/(220) VAC 24, 100/110 VDC 4PDT MM4XKB 24, 48, 100/110, 125, 200/220 VDC Type Contact form Relay model Available rated voltage Standard DP MM2KP 6, 12, 24, 100/(110), 200/(220) VAC 12, 24, 48, 100/110, 125, 200/220 VDC 3P MM3KP 24, 100/(110), 200/(220) VAC 6, 12, 24, 48, 100/110, 125, 200/220 VDC 4P MM4KP 24, 100/(110), 200/(220) VAC 6, 12, 24, 48, 100/110, 125, 200/220 VDC DC-switching DP MM2XKP 24, 100/(110), 200/(220) VAC 12, 24, 48, 100/110, 125, 200/220 VDC 3P MM3XKP 100/(110), 200/(220) VAC 24, 48, 100/110, 125, 200/220 VDC 4P MM4XKP 100/(110), 200/(220) VAC 6, 12, 24, 48, 100/110, 125, 200/220 VDC Conforming to auxiliary power relay specifications 4P MM4KP-JD 24, 100/(110), 115, 200/(220) VAC 24, 100/110, 125, 200/220 VDC Conforming to auxiliary power relay specifications for DC-switching 4P MM4XKP-JD 100/(110), 115, 200/(220) VAC 24, 48, 100/110, 125, 200/220 VDC MM @@K@ 1 2 3 |