| 전자부품 데이터시트 검색엔진 |
|
CDB76D74NP-R22MC 데이터시트(PDF) 2 Page - Sumida Corporation |
|
|
|||||||||||||||||||||||||||||
CDB76D74NP-R22MC 데이터시트(HTML) 2 Page - Sumida Corporation |
|
2 / 3 page ![]() SMD Power Inductor CDB76D74 Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order. Page 2 of 3 Ver.0.0 (November 10, 2017) www.sumida.com Electrical Characteristics Part No. Inductance (mH) Within D.C.R ( Ω) Max. (Typ.) at 20℃ Saturation Current (A) (Typ.) *1 Temperature Rise Current (A) Typ. *2 at 25℃ at 100℃ CDB76D74NP-R15MC 0.15 ±20% 0.30m(0.29m) (75.0) (70.0) (60.0) CDB76D74NP -R22MC 0.215 ±20% 0.30m(0.29m) (50.0) (45.0) (60.0) Measuring frequency inductance at 1MHz. *1 Saturation current: DC current which becomes inductance value drop by 20% from the initial value. *2 Temperature rise current: The value of D.C. current when the temperature of coil becomes ⊿T=40℃(Ta=20℃). |