전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MIC809M 데이터시트(PDF) 3 Page - Micrel Semiconductor

부품명 MIC809M
상세설명  Dual Voltage Supervisor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICREL [Micrel Semiconductor]
홈페이지  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809M 데이터시트(HTML) 3 Page - Micrel Semiconductor

  MIC809M Datasheet HTML 1Page - Micrel Semiconductor MIC809M Datasheet HTML 2Page - Micrel Semiconductor MIC809M Datasheet HTML 3Page - Micrel Semiconductor MIC809M Datasheet HTML 4Page - Micrel Semiconductor MIC809M Datasheet HTML 5Page - Micrel Semiconductor MIC809M Datasheet HTML 6Page - Micrel Semiconductor MIC809M Datasheet HTML 7Page - Micrel Semiconductor MIC809M Datasheet HTML 8Page - Micrel Semiconductor MIC809M Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Micrel
MIC2772
Pin Description
Pin Number
Pin Name
Pin Function
1
/MR1
Digital Input; supervisor 1. Driving this pin low initiates an immediate and
unconditional reset. If VCC1 is above the threshold when /MR1 is released
(returns high), RESET1 will be de-asserted no less than tRESET1 later. /MR1 may
be driven by a CMOS or TTL logic signal or a mechanical switch. De-bouncing
is performed internally. /MR1 has an internal pull-up to VCC1; leave open if
unused.
2
GND1
Ground return for supervisor 1.
3
/MR2
Digital Input; supervisor 2. Driving this pin low initiates an immediate and
unconditional reset. If VCC2 is above the threshold when /MR2 is released
(returns high), the /RESET2 will be de-asserted no less than tRESET2 later. /MR2
may be driven by a CMOS or TTL logic signal or a mechanical switch. De-
bouncing is performed internally. /MR2 has an internal pull-up to VCC2; leave
open if unused.
4
GND2
Ground return for supervisor 2.
5
/RESET2
Digital Output; open-drain; supervisor 2. Asserted low whenever VCC2 falls
below the threshold voltage. It remains asserted for no less than tRESET2 and is
de-asserted after VCC2 returns above the threshold.
6
VCC2
Analog Input. Power supply input for supervisor 2.
7
/RESET1
Digital Output; open-drain; supervisor 1. Asserted low whenever VCC1 falls
below the threshold voltage. It remains asserted for no less than tRESET1 and is
de-asserted after VCC1 returns above the threshold.
8
VCC1
Analog Input. Power supply input for supervisor 1.
April 2005
3
M9999-042605
(408) 955-1690



Html Pages

1 2 3 4 5 6 7 8 9