| 전자부품 데이터시트 검색엔진 |
|
CPC5902GSTR 데이터시트(PDF) 9 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
CPC5902GSTR 데이터시트(HTML) 9 Page - IXYS Corporation |
|
9 / 14 page ![]() INTEGRATED CIRCUITS DIVISION CPC5902 R03 www.ixysic.com 9 determined by tOPLH_AB. Side B deassertion occurs at time tENDB given by: tENDB = tENDA + tSLEWA + tOPLH_AB Thus at Side B input, an applied pulse of less than 80ns is stretched to: tPWB_min = tFIL + tOPHL_BA + tOPHL_AB + tOPLH_BA + tSLEWA + tOPLH_AB which is typically 330ns. More importantly, only one pulse is seen at both ports, with no extra or missing clock or data edges, assuring line integrity. Pulses of width larger than approximately 80ns applied to the Side B input do not utilize the flip-flop to terminate the pulse, but do need to propagate to Side A and then back to Side B when returning high after being asserted low. The Side A pulse width is given by the usual pulse width distortion relation: tPWA_nom = tPULSE + tPLH_BA - tPHL_BA which is typically tPULSE + 75ns. Note that tPLH_BA and tPHL_BA are observed at the external pins, and are provided in the table, “Electrical Specifications” on page 4. The pulse at Side B is asserted by an external driver pulling low, and lasts for time tPULSE. At the end of the pulse, the rising edge passes through the internal filter with delay tFIL, then applied to the LED and received at Side A tOPLH_BA later. After time tSLEWA the output at Side A crosses the logic high threshold causing the Side A LED drive to deactivate, which propagates the deasserted state back to Side B with a delay of tOPLH_AB. Thus normal-width pulses of width tPULSE applied at Side B (IOB) exhibit a stretched pulse width of: tPWB_nom = tPULSE + tFIL + tOPLH_BA + tSLEWA + tOPLH_AB at IOB, which is also given by: tPWB_nom = tPULSE + tPHL_BAB and is typically tPULSE + 290ns. Side A receivers have been designed to exhibit a significant amount of hysteresis, which helps to eliminate false clocking. They have not been internally low-pass filtered beyond the filtering inherent within the optical channel. When the I2C bus is terminated for maximum bandwidth (6mA pullups and minimal capacitance), the receivers typically will respond to pulses greater than 12ns. If additional filtering is desired, then externally increasing the load capacitance of the I2C lines until the amount of time the offending signal spends above/below VDD /2 is less than 10ns will reject the signal at the expense of increasing rise and fall times. Side B receivers do implement some hysteresis and low-pass filtering in addition to the optics. An asserted pulse typically needs to be held below 0.2VDD for 15ns before it is accepted at Side B input. This may require a 30ns pulse applied by a typical driver with just 20pF loading the I2C lines. While any very short pulses stretched to the minimum times above would seem to cause large amounts of pulse width distortion, within 400kHz Fast-mode I2C the shortest allowable signal or clock asserted low time is 1.3 s. Neither Standard-mode nor Fast-mode variants include any legal signals that are less than 80ns (typ); thus the tPWA_nom and tPWB_nom equations above always apply. The pulse width on valid longer pulses receives less stretching and is proportionally less noticeable. For example the Fast-mode minimum clock low time of 1.3 S when applied at Side B would typically be seen as a 1.375 S pulse at Side A and will be stretched to a length of 1.59 s for other devices on the Side B bus. Internal filtering and the flip-flop at Side B are used to ensure that an equal number of pulse edges are seen at both sides of the isolation barrier when Side B is driven. When a signal at Side B is asserted low, the flip-flop self-drives that Side B I/O pin until the optical channel back from Side A proves that Side A has successfully been asserted. While this is generally a welcome error reduction feature and is especially useful on the side with nonstandard levels, it does need to be considered when assigning Side A and Side B ports. If Side A is not powered up, then the signal back from Side A will not appear until after Side A has been powered, and the signal at Side B will be stretched until that time. Side A uses filtered hysteresis at its standard inputs, not pulse stretching, to defeat sub-minimum-size pulses. Thus that side of the isolation barrier, which will be the bus master at power-up, should generally be assigned to Side A. Note that the pinout of the package is rotationally symmetrical. As a result, changing which side of the isolation barrier utilizes Side A standard levels can be accomplished by rotating the part 180° before it is soldered onto the board. |