| 전자부품 데이터시트 검색엔진 |
|
CPC7512Z 데이터시트(PDF) 16 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
CPC7512Z 데이터시트(HTML) 16 Page - IXYS Corporation |
|
16 / 18 page ![]() INTEGRATED CIRCUITS DIVISION CPC7512 16 www.ixysic.com R01 4.5 Driving Channel 2 Ultrasonic Transducer X2 Following the driving of transducer X1, the second transducer can be stimulated. The procedure for Channel 2 is the same as that of Channel 1. Figure 10: Driving Ultrasonic Transducer X2 For larger systems additional CPC7512’s can be used allowing expansion of the single drive circuitry to as many transducers as needed. S1 B S1 C S1 COM S1 A S2 B S2 C S2 COM S2 A SW1 A SW1 B SW1 C SW2 A SW2 B SW2 C X 1 X 2 To Receiver Circuit 1 To Receiver Circuit 2 |