전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9913 데이터시트(PDF) 20 Page - Analog Devices

부품명 AD9913
상세설명  CMOS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9913 데이터시트(HTML) 20 Page - Analog Devices

Back Button AD9913 Datasheet HTML 16Page - Analog Devices AD9913 Datasheet HTML 17Page - Analog Devices AD9913 Datasheet HTML 18Page - Analog Devices AD9913 Datasheet HTML 19Page - Analog Devices AD9913 Datasheet HTML 20Page - Analog Devices AD9913 Datasheet HTML 21Page - Analog Devices AD9913 Datasheet HTML 22Page - Analog Devices AD9913 Datasheet HTML 23Page - Analog Devices AD9913 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD9913
Data Sheet
Rev. C | Page 20 of 32
Table 7. PLL Multiplication Factor Configuration
CFR2 [13:9]
CFR2 [15:14], CFR2 [3]
= 000
= 001
= 100
= 101
= 010
= 011
= 110
= 111
00000
32
16
16
8
64
32
32
16
00001
1
0.5
0.5
0.25
2
1
1
0.5
00010
2
1
1
0.5
4
2
2
1
00011
3
1.5
1.5
0.75
6
3
3
1.5
00100
4
2
2
1
8
4
4
2
00101
5
2.5
2.5
1.25
10
5
5
2.5
00110
6
3
3
1.5
12
6
6
3
00111
7
3.5
3.5
1.75
14
7
7
3.5
01000
8
4
4
2
16
8
8
4
01001
9
4.5
4.5
2.25
18
9
9
4.5
01010
10
5
5
2.5
20
10
10
5
01011
11
5.5
5.5
2.75
22
11
11
5.5
01100
12
6
6
3
24
12
12
6
01101
13
6.5
6.5
3.25
26
13
13
6.5
01110
14
7
7
3.5
28
14
14
7
01111
15
7.5
7.5
3.75
30
15
15
7.5
10000
16
8
8
4
32
16
16
8
10001
17
8.5
8.5
4.25
34
17
17
8.5
10010
18
9
9
4.5
36
18
18
9
10011
19
9.5
9.5
4.75
38
19
19
9.5
10100
20
10
10
5
40
20
20
10
10101
21
10.5
10.5
5.25
42
21
21
10.5
10110
22
11
11
5.5
44
22
22
11
10111
23
11.5
11.5
5.75
46
23
23
11.5
11000
24
12
12
6
48
24
24
12
11001
25
12.5
12.5
6.25
50
25
25
12.5
11010
26
13
13
6.5
52
26
26
13
11011
27
13.5
13.5
6.75
54
27
27
13.5
11100
28
14
14
7
56
28
28
14
11101
29
14.5
14.5
7.25
58
29
29
14.5
11110
30
15
15
7.5
60
30
30
15
11111
31
15.5
15.5
7.75
62
31
31
15.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32