전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DSA15IM45IB 데이터시트(PDF) 4 Page - IXYS Corporation

부품명 DSA15IM45IB
상세설명  High Performance Schottky Diode Low Loss and Soft Recovery Single Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSA15IM45IB 데이터시트(HTML) 4 Page - IXYS Corporation

  DSA15IM45IB Datasheet HTML 1Page - IXYS Corporation DSA15IM45IB Datasheet HTML 2Page - IXYS Corporation DSA15IM45IB Datasheet HTML 3Page - IXYS Corporation DSA15IM45IB Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DSA15IM45IB
preliminary
NOTE:
1. This drawing will meet all dimensions requirement of
JEDEC outline TO-262 AA.
2. All metal surface are matte pure tin plated except
trimmed area.
3. Inter locking slot depends upon frame type.
Optional
Note 3
12
3
4
E
D
L2
L
b1
b
c
A1
e
E1
D1
L1
A
c1
2
1
3
Outlines
TO-262 (I2Pak)
IXYS reserves the right to change limits, conditions and dimensions.
20131030a
Data according to IEC 60747and per semiconductor unless otherwise specified
© 2013 IXYS all rights reserved



Html Pages

1 2 3 4