| 전자부품 데이터시트 검색엔진 |
|
XAA170STR 데이터시트(PDF) 2 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
XAA170STR 데이터시트(HTML) 2 Page - IXYS Corporation |
|
2 / 7 page ![]() INTEGRATED CIRCUITS DIVISION www.ixysic.com 2 R05 XAA170 Absolute Maximum Ratings are stress ratings. Stresses in excess of these ratings can cause permanent damage to the device. Functional operation of the device at conditions beyond those indicated in the operational sections of this data sheet is not implied. Absolute Maximum Ratings @ 25ºC Parameter Conditions Symbol Min Typ Max Units Output Characteristics Load Current, Continuous - I L - - 100 mA rms / mADC Peak Load Current t=10ms I LPK - - 350 mA P On-Resistance I L=100mA R ON -33 50 Off-State Leakage Current V L=350VP I LEAK -- 1 µA Switching Speeds Turn-On I F = 5mA, VL = 10V t on -- 5 ms Turn-Off t off -- 5 Output Capacitance V L=50V, f=1MHz C OUT -25 - pF Input Characteristics Input Control Current to Activate I L = 100mA I F -- 5 mA Input Control Current to Deactivate - - 0.4 0.7 - mA Input Voltage Drop I F = 5mA V F 0.9 1.2 1.4 V Reverse Input Current V R = 5V I R -- 10 A Common Characteristics Capacitance Input to Output - - - 3 - pF Electrical Characteristics @ 25ºC Parameter Ratings Units Blocking Voltage 350 V P Reverse Input Voltage 5 V Input Control Current Peak (10ms) 50 mA 1A Input Power Dissipation 1 150 mW Total Power Dissipation 2 800 mW Isolation Voltage, Input to Output 3750 V rms Operational Temperature -40 to +85 °C Storage Temperature -40 to +125 °C 1 Derate linearly 1.33 mW / ºC 2 Derate linearly 6.67 mW / ºC |