전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC830LP6GE 데이터시트(PDF) 13 Page - Analog Devices

부품명 HMC830LP6GE
상세설명  Fractional-N PLL with Integrated VCO
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

HMC830LP6GE 데이터시트(HTML) 13 Page - Analog Devices

Back Button HMC830LP6GE Datasheet HTML 6Page - Analog Devices HMC830LP6GE Datasheet HTML 7Page - Analog Devices HMC830LP6GE Datasheet HTML 8Page - Analog Devices HMC830LP6GE Datasheet HTML 9Page - Analog Devices HMC830LP6GE Datasheet HTML 10Page - Analog Devices HMC830LP6GE Datasheet HTML 11Page - Analog Devices HMC830LP6GE Datasheet HTML 12Page - Analog Devices HMC830LP6GE Datasheet HTML 13Page - Analog Devices HMC830LP6GE Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 2 Elizabeth Drive, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
13
HMC830LP6GE
v03.0512
Fractional-n Pll with integrated Vco
25 - 3000 Mhz
hMc830lP6ge application information
Large bandwidth (25 Mhz to 3000 Mhz), industry leading phase noise and spurious performance, excellent noise floor
(<-170 dBc/hz), coupled with a high level of integration make the hMC830LP6ge ideal for a variety of applications; as
an rF or iF stage LO, a clock source for high-frequency data-converters, or a tunable reference source for extremely
low spurious applications (< -100 dBc/hz spurs).
Figure 23. HMC830LP6GE in a typical transmit chain
Figure 24. HMC830LP6GE in a typical receive chain
Figure 25. HMC830LP6GE used as a tunable reference for second HMC830LP6GE
Using the hMC830LP6ge with a tunable reference as shown in Figure 25, it is possible to drastically improve spurious
emissions performance across all frequencies. example shown in Figure 21 graph shows that it is possible to have
spurious emissions < -100 dBc/hz across all frequencies. For more information about spurious emissions, how they
are related to the reference frequency, and how to tune the reference frequency for optimal spurious performance
please see the “spurious Performance” section of hittite PLL w/ integraged VCOs Operating guide. note that at very
low output frequencies < 100 Mhz, harmonics increase due to small internal aC coupling. applications which are
sensitive to harmonics may require external low pass filtering.
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibility is assumed by Analog Devices for its use, nor for any infringements of patents or other
rights of third parties that may result from its use. Specifications subject to change without notice. No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarks and registered trademarks are the property of their respective owners.
For price, delivery, and to place orders: Analog Devices, Inc.,
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14