전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXTH76P10T 데이터시트(PDF) 7 Page - IXYS Corporation

부품명 IXTH76P10T
상세설명  P-Channel Enhancement Mode Avalanche Rated
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH76P10T 데이터시트(HTML) 7 Page - IXYS Corporation

  IXTH76P10T Datasheet HTML 1Page - IXYS Corporation IXTH76P10T Datasheet HTML 2Page - IXYS Corporation IXTH76P10T Datasheet HTML 3Page - IXYS Corporation IXTH76P10T Datasheet HTML 4Page - IXYS Corporation IXTH76P10T Datasheet HTML 5Page - IXYS Corporation IXTH76P10T Datasheet HTML 6Page - IXYS Corporation IXTH76P10T Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
© 2017 IXYS CORPORATION, All Rights Reserved
IXTT76P10THV IXTA76P10T
IXTP76P10T
IXTH76P10T
TO-247 Outline
1 - Gate
2,4 - Drain
3 - Source
E
D1
E1
D2
A1
L1
P1
C
B
A
b
b2
b4
R
D
L
e
S
A
D
C
Q
1
2
3
4
A2
Pins: 1 - Gate
2 - Drain
3 - Source
TO-220 Outline
TO-263 Outline
1 = Gate
2 = Drain
3 = Source
4 = Drain
PINS:
1 - Gate 2 - Source
3 - Drain
TO-268HV Outline



Html Pages

1 2 3 4 5 6 7