전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STB25NM60N 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STB25NM60N
상세설명  N-CHANNEL 600V 0.140-20A TO-220/FP/DAK/TO-247 SECOND GENERATION MDmesh MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB25NM60N 데이터시트(HTML) 2 Page - STMicroelectronics

  STB25NM60N Datasheet HTML 1Page - STMicroelectronics STB25NM60N Datasheet HTML 2Page - STMicroelectronics STB25NM60N Datasheet HTML 3Page - STMicroelectronics STB25NM60N Datasheet HTML 4Page - STMicroelectronics STB25NM60N Datasheet HTML 5Page - STMicroelectronics STB25NM60N Datasheet HTML 6Page - STMicroelectronics STB25NM60N Datasheet HTML 7Page - STMicroelectronics STB25NM60N Datasheet HTML 8Page - STMicroelectronics STB25NM60N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
STP25NM60N - STF25NM60N - STB25NM60N/-1 - STW25NM60N
2/12
Table 3: Absolute Maximum ratings
(*) Limited only by maximum temperature allowed
(1) Pulse width limited by safe operating area
(2) ISD ≤ 20 A, di/dt ≤ 400 A/µs, VDD =80%V(BR)DSS.
Table 4: Thermal Data
Table 5: Avalanche Characteristics
ELECTRICAL CHARACTERISTICS (TCASE =25°C UNLESS OTHERWISE SPECIFIED)
Table 6: On /Off
(2) Characteristic value at turn off on inductive load
Symbol
Parameter
Value
Unit
TO-220/I²PAK
TO-247/D²PAK
TO-220FP
VDS
Drain-source Voltage (VGS = 0)
600
V
VDGR
Drain-gate Voltage (RGS = 20 kΩ)600
V
VGS
Gate- source Voltage
± 25
V
ID
Drain Current (continuous) at TC = 25°C
20
20 (*)
A
ID
Drain Current (continuous) at TC = 100°C
12.8
12.8 (*)
A
IDM (1)
Drain Current (pulsed)
80
80 (*)
A
PTOT
Total Dissipation at TC = 25°C
160
40
W
Derating Factor
1.28
0.32
W/°C
dv/dt (2)
Peak Diode Recovery voltage slope
TBD
V/ns
Tstg
Storage Temperature
– 55 to 150
°C
Tj
Max. Operating Junction Temperature
150
°C
TO-220/I²PAK
TO-247/D²PAK
TO-220FP
Rthj-case
Thermal Resistance Junction-case Max
0.78
3.1
°C/W
Rthj-amb
Thermal Resistance Junction-ambient Max
62.5
°C/W
Tl
Maximum Lead Temperature For Soldering Purpose
300
°C
Symbol
Parameter
Max Value
Unit
IAS
Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max)
TBD
A
EAS
Single Pulse Avalanche Energy
(starting Tj = 25 °C, ID = IAS, VDD = 50 V)
TBD
mJ
Symbol
Parameter
Test Conditions
Value
Unit
Min.
Typ.
Max.
V(BR)DSS
Drain-source Breakdown
Voltage
ID = 1 mA, VGS = 0
600
V
dv/dt(2)
Drain Source Voltage
Slope
Vdd=TBD, Id=TBD, Vgs=TBD
TBD
V/ns
IDSS
Zero Gate Voltage
Drain Current (VGS = 0)
VDS = Max Rating
VDS = Max Rating, TC = 125°C
1
10
µA
µA
IGSS
Gate-body Leakage
Current (VDS = 0)
VGS = ± 20 V
100
nA
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
2
3
4V
RDS(on
Static Drain-source On
Resistance
VGS = 10 V, ID = 10 A
0.140
0.170
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12