전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TLOU156P 데이터시트(PDF) 2 Page - Toshiba Semiconductor

부품명 TLOU156P
상세설명  Panel Circuit Indicator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOU156P 데이터시트(HTML) 2 Page - Toshiba Semiconductor

  TLOU156P Datasheet HTML 1Page - Toshiba Semiconductor TLOU156P Datasheet HTML 2Page - Toshiba Semiconductor TLOU156P Datasheet HTML 3Page - Toshiba Semiconductor TLOU156P Datasheet HTML 4Page - Toshiba Semiconductor TLOU156P Datasheet HTML 5Page - Toshiba Semiconductor TLOU156P Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLOU156P,TLSU156P,TLYU156P
2002-09-25
2
Electrical And Optical Characteristics(Ta = 25°C)
Typ.Emission
Wavelength
Luminous
Intensity
IV
Forward
Voltage
VF
Reverse
Current
IR
Product
λp
∆λ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLOU156P
612
15
20
153
900
20
2.0
2.4
20
50
4
TLSU156P
636
17
20
153
900
20
2.0
2.4
20
50
4
TLYU156P
590
13
20
153
500
20
2.1
2.5
20
50
4
Unit
nm
mA
mcd
mA
V
mA
mA
V
Precaution
Please be careful of the followings
· Soldering temperature: 260°C max
Soldering time: 3 s max
(Soldering portion of lead: Up to 2 mm from the body of the device)
· If the lead is formed,the lead should be formed up to 5 mm from the body of the device without forming stress to
the resin. Soldering should be performed after lead forming.
· This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp,please ensure
that it will not be affected by this IR light.



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com