| 전자부품 데이터시트 검색엔진 |
|
UCS17002SL-S08-R 데이터시트(PDF) 5 Page - Unisonic Technologies |
|
|
|||||||||||||||||||||||||||||
UCS17002SL-S08-R 데이터시트(HTML) 5 Page - Unisonic Technologies |
|
5 / 10 page ![]() UCS17002S LINEAR INTEGRATED CIRCUIT UNISONICTECHNOLOGIESCO.,LTD 5 of 10 www.unisonic.com.tw QW-R103-141.B FUNCTIONAL DESCRIPTION The internal reference voltages and bias circuit work at VCC> VTHD(ON), and shutdown at VCC<VCC(MIN). (1) Soft-Start When every IC power on, driver output duty cycle will be decided by inter-slope voltage VSOFTS and VCS on current sense resistor at beginning. After the whole soft-start phase end, and driver duty cycle depend on VFB and VCS. The relation among VSOFTS, VFB and VOUT as followed Fig.3. Furthermore, soft-start phase should end before VCC reach VCC(MIN) during VCC power on. Otherwise, if soft-start phase remain not end before VCC reach VCC(MIN) during VCC power on, IC will enter auto-restart phase and not set up VOUT. Fig.3 Soft-start phase (2) Switching Frequency Set The maximum switching frequency is set to 65kHz. Switching frequency is modulated by output power POUT during IC operating. At no load or light load condition, most of the power dissipation in a switching mode power supply is from switching loss on the MOSFET transistor, the core loss of the transformer and the loss on the snubber circuit. The magnitude of power loss is in proportion to the number of switching events within a fixed period of time. So lower Switching frequency at lower load, which more and more improve IC’s efficiency at light load. At from no load to light load condition, The IC will operate at from Burst mode to Reducing Frequency Mode. The relation curve between fSW and POUT/POUT(MAX) as followed Fig.4. 1%~100% Load @ 115 & 230 Vac POUT/POUT(max) 10 25 40 55 70 1% 9% 30% 19% 100% 115V 230V 60 Fig.4 The relation curve between fSW and relative output power POUT/ POUT (MAX) |