| 전자부품 데이터시트 검색엔진 |
|
V680-HS63-R-2M 데이터시트(PDF) 26 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS63-R-2M 데이터시트(HTML) 26 Page - Omron Electronics LLC |
|
26 / 59 page ![]() V680 Series 26 RF Tag (2-kbyte Memory) Communication Note: When mounting the V680-HS65, be sure to attach the Mounting Brackets at the base of the Antenna. The enclosed Mounting Brackets do not need to be used, however, if the mounting brackets on the Antenna are metal plates and their dimensions are larger than the dimensions of the Antenna (100 × 100 mm). For details, refer to the User's Manual (Cat. No. Z278 or Z279). *1. The communication range may be reduced if the V680S-D2KF67 is mounted onto a metallic surface. Refer to the User’s Manual (Cat. No. Z278 or Z279) for details. *2. The Antenna can be mounted in metal, but the communications distance will decrease compared to mounting in nonmetal. Confirm performance using the actual devices before actual operation. Recommended combination Function Communication range (unit: mm) RF Tag and Antenna mounting conditions RF Tag Antenna V680S-D2KF67 V680-HS52 Read distance 1.0 to 17.0 *1 (axis offset ±2) Write distance 1.0 to 17.0 *1 (axis offset ±2) V680-HS63 Read distance 7.0 to 30.0 *1 (axis offset ±10) Write distance 7.0 to 30.0 *1 (axis offset ±10) V680-HS65 Read distance 5.0 to 42.0 *1 (axis offset ±10) Write distance 5.0 to 42.0 *1 (axis offset ±10) V680S-D2KF67M (flush-mounted on metallic surface: steel) V680-HS52 Read distance 1.0 to 16.0 (axis offset ±2) Write distance 1.0 to 16.0 (axis offset ±2) V680-HS63 Read distance 6.0 to 25.0 (axis offset ±10) Write distance 6.0 to 25.0 (axis offset ±10) V680-HS65 Read distance 5.0 to 25.0 (axis offset ±10) Write distance 5.0 to 25.0 (axis offset ±10) V680S-D2KF68 V680-HS63 Read distance 5.0 to 45.0 (axis offset ±10) Write distance 5.0 to 45.0 (axis offset ±10) V680-HS65 Read distance 5.0 to 75.0 (axis offset ±10) Write distance 5.0 to 75.0 (axis offset ±10) Non-metallic Non-metallic Resin, plastic, wood, etc. V680S-D2KF67 V680-HS52 *2 Non-metallic Non-metallic Resin, plastic, wood, etc. V680-HS63 V680S- D2KF67 *2 Non-metallic Metallic Resin, plastic, wood, etc. V680S- D2KF67 V680-HS65 Non-metallic Metallic V680-HS52 V680S-D2KF67M *2 Metallic Non-metallic V680-HS63 V680S- D2KF67M *2 Metallic V680-HS65 Metallic V680S- D2KF67M V680-HS63 V680S- D2KF68 Non-metallic Resin, plastic, wood, etc. Non-metallic Resin, plastic, wood, etc. V680-HS65 V680S- D2KF68 Non-metallic Metallic Resin, plastic, wood, etc. |