| 전자부품 데이터시트 검색엔진 |
|
V680-HS65-R-12.5M 데이터시트(PDF) 8 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS65-R-12.5M 데이터시트(HTML) 8 Page - Omron Electronics LLC |
|
8 / 59 page ![]() V680 Series 8 Ratings and Performance RF Tag (1-kbyte Memory) Note: For details, refer to the User's Manual (Cat. No. Z262). *1. Refer to the User's Manual (Cat. No. Z262) for data retention time for temperatures of 85°C or higher. If the V680 has been stored at 125°C or higher, write the data again even if the data does not need to be changed. *2. 150°C heat resistance: The heat resistance has been checked at 150°C for up to 1,000 hours, and thermal shock has been checked through testing 1,000 thermal cycles each of 30 minutes at −10/150°C. (Test samples: 22, defects: 0) *3. 180°C heat resistance: The heat resistance has been checked at 180°C for up to 200 hours, and thermal shock has been checked through testing 200 thermal cycles each of 30 minutes at −10°C/180°C. (Test samples: 22, defects: 0) *4. Oil resistance has been tested using a specific oil as defined in the OMRON test method. RF Tag with 1-kbyte Memory with High-temperature Capability *1 After storing data at high temperatures, rewrite the data even if changes are not required. High temperatures are those exceeding 125°C up to 250°C. *2 Storing RF Tags under high temperatures or under heat cycles will adversely affect the performance of the internal parts and the service life of the RF Tags. The RF Tag were placed in the following high temperatures and then evaluated in-house. It was confirmed that no problems occurred. 1. 2,000 cycles of 30 minutes each between room temperature and 200°C. 2. 500 hours at 250°C. *3 Oil resistance has been tested using a specific oil as defined in the OMRON test method. Model Item V680- D1KP52MT V680- D1KP54T V680- D1KP66T V680- D1KP66MT V680- D1KP53M V680- D1KP66T-SP Memory capacity 1,000 byte (user area) Memory type EEPROM Data retention time *1 10 years after writing (85°C max.) Write endurance 100,000 times per block (at 25°C) Ambient operating temperature (during communication) −25 to 85°C (with no icing) −25 to 70°C (with no icing) Ambient storage temperature (during data backup) −40 to 125°C (with no icing) Heat resistance: 1,000 thermal cycles each of 30 minutes at −10°C/150°C, High- temperature storage: 1,000 hours at 150°C *2 200 thermal cycles each of 30 minutes at −10°C/180°C, High- temperature storage: 200 hours at 180°C *3 −40 to 125°C (with no icing) −40 to 110°C (with no icing) Ambient operating humidity 35 to 95% Degree of protection IP68 (IEC 60529:2001) Oil resistance equivalent to IP67G (JIS C 0920:2003, Appendix 1) *4 IP67 (IEC 60529:2001) Oil resistance equivalent to IP67G (JIS C 0920:2003, Appendix 1) *4 IP68 (IEC 60529:2001) Oil resistance equivalent to IP67G (JIS C 0920:2003, Appendix 1) *4 IP67 Vibration resistance 10 to 2,000 Hz, 1.5-mm double amplitude at 150 m/s2 acceleration with 10 sweeps in X, Y, and Z directions for 15 minutes each Shock resistance 500 m/s2 in X, Y, and Z directions 3 times each (18 times in total) Appearance 8 dia. × 5 mm 20 dia. × 2.7 mm 34 × 34 × 3.5 mm 10 dia. × 4.5 mm (DIN698373) 95 × 36.5 × 6.5 mm (excluding protrusions) Materials Case: PPS resin Filling: Epoxy resin Molding: PPS resin Case: PPS resin Filling: Epoxy resin External resin: PFA Tag body: PPS resin Weight Approx. 0.5 g Approx. 2 g Approx. 6 g Approx. 7.5 g Approx. 1 g Approx. 20 g Metallic compatibility Yes No No Yes Yes No Item Model V680-D1KP58HTN Memory capacity 1,000 bytes (user area) Memory type EEPROM Data Retention 10 years after writing (85°C or less), 0.5 year after writing (85°C to 125°C) Total data retention at high temperatures exceeding 125°C is 10 hours *1 Write Endurance 100,000 times per block (25°C) Ambient operating temperature −25°C to 85°C (with no icing) Ambient storage temperature −40 to 250°C (with no icing) *2 (Data retention: -40 to 125°C) 1. 2,000 cycles of 30 minutes each between room temperature and 200°C 2. 500 hours at 250°C Ambient storage humidity No restrictions. Degree of protection IP67 (IEC 60529:2001) Oil resistance equivalent to IP67G (JIS C 0920:2003, Appendix 1) *3 Vibration resistance 10 to 2,000 Hz, 1.5-mm double amplitude, acceleration: 150 m/s2, 10 sweeps each in X, Y, and Z directions for 15 minutes each Shock resistance 500 m/s2, 3 times each in X, Y, and Z directions (total: 18 times) Materials PPS resin Weight Approx. 70 g |