| 전자부품 데이터시트 검색엔진 |
|
V680-HS65-R 데이터시트(PDF) 33 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
V680-HS65-R 데이터시트(HTML) 33 Page - Omron Electronics LLC |
|
33 / 59 page ![]() 33 V680 Series 2-kbyte Memory RF Tag The values given for communications ranges are reference values. Refer to pages 19 to 20, 23 for communications distance specifications. The communications distance will depend on the RF Tags, ambient temperature, surrounding metal, noise, and other factors. Test operation completely when installing a system. V680-HS63 (mounted on non-metallic material) & V680S-D2KF67 (mounted on non-metallic material) V680-HS65 (mounted on metallic material) & V680S-D2KF67 (mounted on non-metallic material) V680-H01-V2 (mounted on non-metallic material) & V680S-D2KF67 (mounted on non-metallic material) V680-HS52 (embedded in non-metallic material) & V680S-D2KF67M (mounted on metallic surface: steel) V680-HS63 (mounted on non-metallic material) & V680S-D2KF67M (mounted on metallic surface: steel) V680-HS65 (mounted on metallic material) & V680S-D2KF67M (mounted on metallic surface: steel) V680-HS63 (with Metal on Back Surface) & V680S-DKF68 (Tag direction: Horizontal) V680-HS63 (with Metal on Back Surface) & V680S-DKF68 (Tag direction: Vertical) V680-HS65 (with Metal on Back Surface) & V680S-DKF68 (Tag direction: Horizontal) V680-HS65 (with Metal on Back Surface) & V680S-DKF68 (Tag direction: Vertical) Read Write 40 60 80 20 100 Y X Y 0 –60 –100 –40 –20 20 40 60 X –80 80 Read Write 50 100 150 200 Y Y X 0 –150 –250 –100 –50 50 100 150 X –200 200 Read Write 50 100 150 200 Y Y X 0 –150 –250 –100 –50 50 100 150 X –200 200 Read Write 20 30 10 Y X Y 0 –30 –40 –20 –10 10 20 30 X Read Write 40 60 80 20 100 Y X Y 0 –60 –100 –40 –20 20 40 60 X –80 80 0 –60 –100 –40 –20 20 40 60 X –80 80 Read Write 40 60 80 20 100 Y 40 60 80 20 100 Y Y X 0 –60 –100 –40 –20 20 40 60 X –80 80 Read Write 40 60 80 20 100 Y Y X 0 –60 –100 –40 –20 20 40 60 X –80 80 Read Write 50 100 150 200 Y Y X Read Write 0 –150 –250 –100 –50 50 100 150 X –200 200 50 100 150 200 Y Y X Read Write 0 –150 –250 –100 –50 50 100 150 X –200 200 |