전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EADCS030RA2 데이터시트(PDF) 4 Page - Everlight Electronics Co., Ltd

부품명 EADCS030RA2
상세설명  Display  Through-hole
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EADCS030RA2 데이터시트(HTML) 4 Page - Everlight Electronics Co., Ltd

  EADCS030RA2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EADCS030RA2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EADCS030RA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EADCS030RA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EADCS030RA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EADCS030RA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DATASHEET
Display
Through-hole
EADCS030RA2
4
opyright © 2010, Everlight Americas Inc. All Rights Reserved. Release Date : May 22, 2014
Issue No : DDF-0001774. Rev.2
www.everlightamericas.com
Package Dimension & Internal Circuit Diagram
Note: Tolerances unless mentioned ±0.25mm. Unit = mm



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com