| 전자부품 데이터시트 검색엔진 |
|
AD5123 데이터시트(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD5123 데이터시트(HTML) 20 Page - Analog Devices |
|
20 / 28 page ![]() AD5123/AD5143 Data Sheet Rev. B | Page 20 of 28 Table 9. Reduced Commands Operation Truth Table Command Number Control Bits[DB15:DB12] Address Bits[DB11:DB8]1 Data Bits[DB7:DB0]1 Operation C3 C2 C1 C0 A3 A2 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 0 0 0 0 0 X X X X X X X X X X X X NOP: do nothing 1 0 0 0 1 0 0 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 Write contents of serial register data to RDAC 2 0 0 1 0 0 0 A1 A0 D7 D6 D5 D4 D3 D2 D1 D0 Write contents of serial register data to input register 3 0 0 1 1 0 0 A1 A0 X X X X X X D1 D0 Read back contents D1 D0 Data 0 1 EEPROM 1 1 RDAC 9 0 1 1 1 0 0 A1 A0 X X X X X X X 1 Copy RDAC register to EEPROM 10 0 1 1 1 0 0 A1 A0 X X X X X X X 0 Copy EEPROM into RDAC 14 1 0 1 1 X X X X X X X X X X X X Software reset 15 1 1 0 0 A3 A2 A1 A0 X X X X X X X D0 Software shutdown D0 Condition 0 Normal mode 1 Shutdown mode 1 X means don’t care. Table 10. Reduced Address Bits Table A3 A2 A1 A0 Channel Stored Channel Memory 1 X1 X1 X1 All channels Not applicable 0 0 0 0 RDAC1 RDAC1 0 0 0 1 RDAC2 RDAC2 0 0 1 0 RDAC3 RDAC3 0 0 1 1 RDAC4 RDAC4 1 X means don’t care. |