전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBM29PL64LM90 데이터시트(PDF) 67 Page - SPANSION

부품명 MBM29PL64LM90
상세설명  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM90 데이터시트(HTML) 67 Page - SPANSION

Back Button MBM29PL64LM90 Datasheet HTML 61Page - SPANSION MBM29PL64LM90 Datasheet HTML 62Page - SPANSION MBM29PL64LM90 Datasheet HTML 63Page - SPANSION MBM29PL64LM90 Datasheet HTML 64Page - SPANSION MBM29PL64LM90 Datasheet HTML 65Page - SPANSION MBM29PL64LM90 Datasheet HTML 66Page - SPANSION MBM29PL64LM90 Datasheet HTML 67Page - SPANSION MBM29PL64LM90 Datasheet HTML 68Page - SPANSION MBM29PL64LM90 Datasheet HTML 69Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 67 / 69 page
background image
MBM29PL64LM90/10
66
(Continued)
56-pin plastic TSOP(1)
(FPT-56P-M01)
Note 1) *1 : Resn protrusion. (Each side : +0.15 (.006) Max).
Note 2) *2 : These dimensions do not include resin protrusion.
Note 3) Pins width and pins thickness include plating thickness.
Note 4) Pins width do not include tie bar cutting remainder.
Dimensions in mm (inches)
Note : The values in parentheses are reference values.
C
2002 FUJITSU LIMITED F56001S-c-4-5
18.40±0.10(.724±.004)
20.00±0.20(.787±.008)
14.00±0.10
M
0.10(.004)
0.10±0.05
(.004±.002)
1
28
56
29
0.08(.003)
(.551±.004)
(Stand off)
LEAD No.
Details of "A" part
0.60±0.15
(.024±.006)
0˚~8˚
.007±.001
0.17±0.03
0.22±0.05
(.009±.002)
(Mounting height)
INDEX
"A"
.043 –.002
+.004
–0.05
+0.10
1.10
0.50(.020)
0.25(.010)
*1
*2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69