전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MBM29PL64LM10 데이터시트(PDF) 60 Page - SPANSION

부품명 MBM29PL64LM10
상세설명  Flash Memory 64 M (8M X 8/4M X 16) BIT
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPANSION [SPANSION]
홈페이지  http://www.spansion.com
Logo SPANSION - SPANSION

MBM29PL64LM10 데이터시트(HTML) 60 Page - SPANSION

Back Button MBM29PL64LM10 Datasheet HTML 56Page - SPANSION MBM29PL64LM10 Datasheet HTML 57Page - SPANSION MBM29PL64LM10 Datasheet HTML 58Page - SPANSION MBM29PL64LM10 Datasheet HTML 59Page - SPANSION MBM29PL64LM10 Datasheet HTML 60Page - SPANSION MBM29PL64LM10 Datasheet HTML 61Page - SPANSION MBM29PL64LM10 Datasheet HTML 62Page - SPANSION MBM29PL64LM10 Datasheet HTML 63Page - SPANSION MBM29PL64LM10 Datasheet HTML 64Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 69 page
background image
MBM29PL64LM90/10
59
*1 : Read Toggle bit twice to determine whether it is toggling.
*2 : Recheck Toggle bit because it may stop toggling as DQ5 changes to “1”.
DQ6
= Toggle
DQ5
= 1?
Read DQ7 to DQ0
Addr.
= "H" or "L"
Read DQ7 to DQ0
Addr.
= "H" or "L"
Read DQ7 to DQ0
Addr.
= "H" or "L"
Start
No
No
Yes
Yes
*1
*1, *2
?
No
Yes
Program/Erase
Operation Not
Complete.Write
Reset Command
Program/Erase
Operation
Complete
DQ6
= Toggle
?
Read DQ7 to DQ0
Addr.
= "H" or "L"
*1, *2
*1
Wait 4
ms
after issuing
Program Command
Toggle Bit Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69