전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

INA1651IPWR 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 INA1651IPWR
상세설명  SoundPlus High Common-Mode Rejection Line Receivers
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

INA1651IPWR 데이터시트(HTML) 8 Page - Texas Instruments

Back Button INA1651IPWR Datasheet HTML 4Page - Texas Instruments INA1651IPWR Datasheet HTML 5Page - Texas Instruments INA1651IPWR Datasheet HTML 6Page - Texas Instruments INA1651IPWR Datasheet HTML 7Page - Texas Instruments INA1651IPWR Datasheet HTML 8Page - Texas Instruments INA1651IPWR Datasheet HTML 9Page - Texas Instruments INA1651IPWR Datasheet HTML 10Page - Texas Instruments INA1651IPWR Datasheet HTML 11Page - Texas Instruments INA1651IPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
0
5
10
15
20
25
30
Output Offset Voltage ( V)
C001
0
5
10
15
20
25
Offset Voltage Drift (µV/
ƒC)
C001
0
5
10
15
20
25
30
35
Input Resistance Mismatch (%)
C001
0
5
10
15
20
25
30
35
Gain Error (%)
C001
0
5
10
15
20
25
CMRR ( V/V)
C001
0
5
10
15
20
25
CMRR ( V/V)
C001
8
INA1650, INA1651
SBOS818A – DECEMBER 2016 – REVISED SEPTEMBER 2018
www.ti.com
Product Folder Links: INA1650 INA1651
Submit Documentation Feedback
Copyright © 2016–2018, Texas Instruments Incorporated
6.6 Typical Characteristics
at TA = 25°C, VS = ±18 V, VCM = VOUT = midsupply, and RL = 2 kΩ (unless otherwise noted)
5746 Channels
VREF Pins Connected to Ground
Figure 1. Common-Mode Rejection Ratio Distribution
5746 Channels
VREF Pins Connected to VMID(OUT)
Figure 2. Common-Mode Rejection Ratio Distribution
5746 Channels
Figure 3. Distribution of Mismatch in 500-kΩ Input Resistors
5746 Channels
Figure 4. Gain Error Distribution
5746 Channels
Figure 5. Offset Voltage Distribution
52 Channels
Figure 6. Offset Voltage Drift Distribution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com