| 전자부품 데이터시트 검색엔진 |
|
S29AL032D 데이터시트(PDF) 40 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S29AL032D 데이터시트(HTML) 40 Page - SPANSION |
|
40 / 69 page ![]() 38 S29AL032D S29AL032D_00_A3 June 13, 2005 Advan ce In form ati o n Table 17. S29AL032D Command Definitions — Models 03, 04 Legend: X = Don’t care RA = Address of the memory location to be read. RD = Data read from location RA during read operation. PA = Address of the memory location to be programmed. Addresses latch on the falling edge of the WE# or CE# pulse, whichever happens later. PD = Data to be programmed at location PA. Data latches on the rising edge of WE# or CE# pulse, whichever happens first. SA = Address of the sector to be verified (in autoselect mode) or erased. Address bits A19–A12 uniquely select any sector. Command Sequence (Note 1) Bus Cycles (Notes 2–5) First Second Third Fourth Fifth Sixth Addr Data Addr Data Addr Data Addr Data Addr Data Addr Data Read (Note 6) 1RA RD Reset (Note 7) 1XXX F0 Manufacturer ID Word 4 555 AA 2AA 55 555 90 X00 01 Byte AAA 555 AAA Device ID, Model 03 Word 4 555 AA 2AA 55 555 90 X01 22F6 Byte AAA 555 AAA X02 F6 Device ID, Model 04 Word 4 555 AA 2AA 55 555 90 X01 22F9 Byte AAA 555 AAA X02 F9 Secured Silicon Sector Factory Protect Model 03, (Note 9) Word 4 555 AA 2AA 55 555 90 X03 8D/0D Byte AAA 555 AAA X06 Secured Silicon Sector Factory Protect Model 04, (Note 9) Word 4 555 AA 2AA 55 555 90 X03 9D/1D Byte AAA 555 AAA X06 Sector Protect Verify (Note 10) Word 4 555 AA 2AA 55 555 90 (SA) X02 XX00 XX01 Byte AAA 555 AAA (SA) X04 00 01 Enter Secured Silicon Sector Region Word 3 555 AA 2AA 55 555 88 Byte AAA 555 AAA Exit Secured Silicon Sector Region Word 4 555 AA 2AA 55 555 90 XXX 00 Byte AAA 555 AAA CFI Query (Note 11) Word 1 55 98 Byte AA Program Word 4 555 AA 2AA 55 555 A0 PA PD Byte AAA 555 AAA Unlock Bypass Word 3 555 AA 2AA 55 555 20 Byte AAA 555 AAA Unlock Bypass Program (Note 12) 2XXX A0 PA PD Unlock Bypass Reset (Note 13) 2XXX 90 XXX 00 Chip Erase Word 6 555 AA 2AA 55 555 80 555 AA 2AA 55 555 10 Byte AAA 555 AAA AAA 555 AAA Sector Erase Word 6 555 AA 2AA 55 555 80 555 AA 2AA 55 SA 30 Byte AAA 555 AAA AAA 555 Erase Suspend (Note 14) 1XXX B0 Erase Resume (Note 15) 1XXX 30 |