전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML9050 데이터시트(PDF) 3 Page - OKI electronic componets

부품명 ML9050
상세설명  132-Channel LCD Driver with Built-in RAM for LCD Dot Matrix Displays
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OKI [OKI electronic componets]
홈페이지  http://www.oki.com
Logo OKI - OKI electronic componets

ML9050 데이터시트(HTML) 3 Page - OKI electronic componets

  ML9050 Datasheet HTML 1Page - OKI electronic componets ML9050 Datasheet HTML 2Page - OKI electronic componets ML9050 Datasheet HTML 3Page - OKI electronic componets ML9050 Datasheet HTML 4Page - OKI electronic componets ML9050 Datasheet HTML 5Page - OKI electronic componets ML9050 Datasheet HTML 6Page - OKI electronic componets ML9050 Datasheet HTML 7Page - OKI electronic componets ML9050 Datasheet HTML 8Page - OKI electronic componets ML9050 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 71 page
background image
¡ Semiconductor
ML9050/9051
3/71
PEDL9050-02
PIN DESCRIPTION
Function
Pin name
Number
of pins
Description
MPU
Interface
8
I/O
I/O
D0 to D7
This is an 8-bit bi-directional data bus that can be connected to an 8-bit
or 16-bit standard MPU data bus. When a serial interface is selected (P/S
= "L"):
D7: Serial data input pin (SI)
D6: Serial clock input pin (SCL)
In this case, D0 to D5 will be in the Hi-Z state. D0 to D7 will all be in the
Hi-Z state when the chip select is in the inactive state.
1I
A0
Normally, the lowest bit of the MPU address bus is connected and used
for distinguishing between data and commands.
A0 = "H": Indicates that D0 to D7 is display data.
A1 = "L": Indicates that D0 to D7 is control data.
1I
RES
Initial setting is made by making RES = "L". The reset operation is made
during the active level of the RES signal.
2I
CS1
CS2
These are the chip select signals. The Chip Select of the LSI becomes
active when CS1 is "L" and also CS2 is "H" and allows the input/output of
data or commands.
1I
RD
(E)
The active level of this signal is "L" when connected to an 80-series MPU.
This terminal is connected to the RD signal of the 80-series MPU, and the
data bus of the ML9050/9051 goes into the output state when this signal
is "L".
The active level of this signal is "H" when connected to a 68-series MPU.
This pin will be the Enable and clock input pin when connected to a 68-
series MPU.
1I
WR
(R/W)
The active level of this signal is "L" when connected to an 80-series MPU.
This terminal is connected to the WR signal of the 80-series MPU. The
data on the data bus is latched into the ML9052 at the rising edge of the
WR signal.
When connected to a 68-series MPU, this pin becomes the input pin for
the Read/Write control signal.
R/W = "H": Read, R/W = "L": Write
1I
C86
This is the pin for selecting the MPU interface type.
C86 = "H": 68-Series MPU interface.
C86 = "L": 80-Series MPU interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com