| 전자부품 데이터시트 검색엔진 |
|
S71PL129JC0BAW9Z2 데이터시트(PDF) 7 Page - SPANSION |
|
|
|||||||||||||||||||||||||||||
S71PL129JC0BAW9Z2 데이터시트(HTML) 7 Page - SPANSION |
|
7 / 149 page ![]() December 23, 2004 S71PL129Jxx_00_A5 7 Advance Informatio n Connection Diagram Note: May be shared depending on density: — A21 is shared for the 64M pSRAM configuration. — A20 is shred for the 32M pSRAM configuration. — A19 is shared for the 16M pSRAM configuration. Note: It is advised to tie J5 and L5 together on the board. MCP Flash-only Addresses Shared Addresses S71PL129JC0 A22 A21-A0 S71PL129JB0 A22-A21 A20-A0 S71PL129JA0 A22-A20 A19-A0 E4 UB# F4 A18 G4 A17 H4 DQ1 J4 DQ9 K4 DQ10 DQ2 D4 E6 CE2s A20 J6 DQ4 K6 VCCs RFU D6 RFU E7 A19 F7 A9 G7 A10 H7 DQ6 J7 DQ13 K7 DQ12 DQ5 D7 E5 RST#f RY/BY# J5 DQ3 K5 VCCf DQ11 D5 RFU E8 A12 F8 A13 G8 A14 H8 RFU J8 DQ15 K8 DQ7 DQ14 D8 E9 F9 A21 G9 CE2# H9 A16 J9 RFU VSS E3 A6 F3 A5 G3 A4 H3 VSS J3 OE# K3 DQ0 CE1#s DQ8 D3 E2 F2 A2 G2 A1 H2 A0 J2 CE1#f H6 H5 B6 B5 RAM only Shared (Note 1) Flash only Legend Reserved for Future Use RFU RFU L6 L5 LB# C4 WE# C6 A8 C7 WP/ACC C5 A11 C8 A7 C3 A3 D2 A15 D9 A1 NC A10 NC M1 M10 NC NC 64-ball Fine-Pitch Ball Grid Array (Top View, Balls Facing Down) |