| 전자부품 데이터시트 검색엔진 |
|
TOP222P 데이터시트(PDF) 9 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
TOP222P 데이터시트(HTML) 9 Page - Power Integrations, Inc. |
|
9 / 20 page ![]() C 12/97 TOP221-227 9 Figure 9. Recommended TOPSwitch Layout. PI-2021-041798 PC Board Kelvin-connected auto-restart/bypass capacitor C5 and/or compensation network Bias/Feedback Input Bias/Feedback Return High-voltage Return Bend DRAIN pin forward if needed for creepage. Do not bend SOURCE pin. Keep it short. High Voltage Return Bias/Feedback Return D S C Bias/Feedback Input CONTROL SOURCE SOURCE DRAIN TOP VIEW High Voltage Return Bias/Feedback Return Bias/Feedback Input DIP-8/SMD-8 PACKAGE TO-220 PACKAGE TOP VIEW C5 Kelvin-connected auto-restart/bypass capacitor C5 and/or compensation network Kelvin-connected auto-restart/bypass capacitor C5 and/or compensation network C5 C5 Design Tools The following tools available from Power Integrations greatly simplify TOPSwitch based power supply design. • Data Book and Design Guide includes extensive application information • Excel Spreadsheets for Transformer Design - Use of this tool is strongly recommended for all TOPSwitch designs. • Reference design boards – Production viable designs that are assembled and tested. All data sheets, application literature and up-to-date versions of the Transformer Design Spreadsheets can be down loaded from our web site at www.powerint.com. A diskette of the Transformer Design Spreadsheets may also be obtained by sending in the completed form provided at the end of this data sheet. |