| 전자부품 데이터시트 검색엔진 |
|
AD9734BBCRL 데이터시트(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9734BBCRL 데이터시트(HTML) 7 Page - Analog Devices |
|
7 / 72 page ![]() Data Sheet AD9734/AD9735/AD9736 Rev. B | Page 7 of 72 Parameter Min Typ Max Unit INPUT (SDI, SDIO, SCLK, CSB) Voltage in High, VIH 2.0 3.3 V Voltage in Low, VIL 0 0.8 V Current in High, IIH −10 +10 µA Current in Low, IIL −10 +10 µA SDIO OUTPUT Voltage out High, VOH 2.4 3.6 V Voltage out Low, VOL 0 0.4 V Current out High, IOH 4 mA Current out Low, IOL 4 mA 1Refer to the Input Data Timing section for recommended LVDS differential drive levels. |