전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EAIRMLA2 데이터시트(PDF) 3 Page - Everlight Electronics Co., Ltd

부품명 EAIRMLA2
상세설명  Infrared Receiver Control Receiver Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  EVERLIGHT [Everlight Electronics Co., Ltd]
홈페이지  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EAIRMLA2 데이터시트(HTML) 3 Page - Everlight Electronics Co., Ltd

  EAIRMLA2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd EAIRMLA2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd EAIRMLA2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd EAIRMLA2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd EAIRMLA2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EAIRMLA2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EAIRMLA2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EAIRMLA2 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EAIRMLA2 Datasheet HTML 9Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DATASHEET
Infrared Receiver Control Receiver Module
EAIRMLA2
3
Copyright © 2010, Everlight Americas Inc. Release Date : Nov. 16, 2011. Issue No: 1 Rev.1
Copyright © 2010, Everlight Americas Inc. Release Date : June 20, 2011. Issue No: 1 Rev.1
www.everlightamericas.com
Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Current consumption
Icc
-
0.4
0.6
mA
No input signal
Supply voltage
VCC
2.7
-
5.5
V
Peak wavelength
λ
p
---
940
---
nm
Reception range
L0
8
---
---
m
See chapter
‚Test method’
L45
5
---
---
Half angle(horizontal)
φ
h
---
±45
---
deg
Half angle(vertical)
φ
v
---
±45
---
deg
High level pulse width
TH
450
-
750
μs
Test signal
according to
figure 1
Low level pulse width
TL
450
-
750
μs
High level output voltage
VOH
Vcc-0.4
---
---
V
Low level output voltage
VOL
---
0.2
0.5
V
ISINK≦2mA
Internal pull up resistor
RPU
-
40
-



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com