전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM29F004B 데이터시트(PDF) 33 Page - Advanced Micro Devices

부품명 AM29F004B
상세설명  4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only Boot Sector Flash Memory
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AMD [Advanced Micro Devices]
홈페이지  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29F004B 데이터시트(HTML) 33 Page - Advanced Micro Devices

Back Button AM29F004B Datasheet HTML 29Page - Advanced Micro Devices AM29F004B Datasheet HTML 30Page - Advanced Micro Devices AM29F004B Datasheet HTML 31Page - Advanced Micro Devices AM29F004B Datasheet HTML 32Page - Advanced Micro Devices AM29F004B Datasheet HTML 33Page - Advanced Micro Devices AM29F004B Datasheet HTML 34Page - Advanced Micro Devices AM29F004B Datasheet HTML 35Page - Advanced Micro Devices AM29F004B Datasheet HTML 36Page - Advanced Micro Devices AM29F004B Datasheet HTML 37Page - Advanced Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 33 / 37 page
background image
8/5/05
Am29F004B
31
AD VA NC E
IN FO RM AT ION
AC CHARACTERISTICS
tGHEL
tWS
OE#
CE#
WE#
tD
Data
tAH
Addresses
tD
tCP
DQ7
DOUT
tWC
tAS
tCPH
PA
Data# Polling
A0 for program
55 for erase
tWHWH1 or
tWH
PD for program
30 for sector erase
10 for chip erase
555 for program
2AA for erase
PA for program
SA for sector erase
555 for chip erase
Notes:
1.
PA = Program Address, PD = Program Data, DQ7# = complement of data written to device, DOUT = data written to device.
2.
Figure indicates the last two bus cycles of the command sequence.
Figure 19.
Alternate CE# Controlled Write Operation Timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37