전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IXGA28N60A3 데이터시트(PDF) 4 Page - IXYS Corporation

부품명 IXGA28N60A3
상세설명  Ultra Low Vsat PT IGBT for up to 5kHz Switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGA28N60A3 데이터시트(HTML) 4 Page - IXYS Corporation

  IXGA28N60A3 Datasheet HTML 1Page - IXYS Corporation IXGA28N60A3 Datasheet HTML 2Page - IXYS Corporation IXGA28N60A3 Datasheet HTML 3Page - IXYS Corporation IXGA28N60A3 Datasheet HTML 4Page - IXYS Corporation IXGA28N60A3 Datasheet HTML 5Page - IXYS Corporation IXGA28N60A3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXGA28N60A3 IXGP28N60A3
IXGH28N60A3
Fig. 7. Transconductance
0
5
10
15
20
25
30
35
40
45
0
1020
3040
50
6070
8090
100
IC - Amperes
TJ = - 40ºC
25ºC
125ºC
Fig. 8. Gate Charge
0
2
4
6
8
10
12
14
16
0
10
20304050
6070
QG - NanoCoulombs
VCE = 300V
I C = 24A
I G = 10mA
Fig. 10. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VCE - Volts
f = 1 MHz
Cies
Coes
Cres
Fig. 9. Reverse-Bias Safe Operating Area
0
10
20
30
40
50
100
150
200
250
300
350
400
450
500
550
600
650
VCE - Volts
TJ = 125ºC
RG = 10
dv / dt < 10V / ns
Fig. 11. Maximum Transient Thermal Impedance
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
Pulse Width - Seconds



Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com