전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC6241CS8 데이터시트(PDF) 24 Page - Linear Technology

부품명 LTC6241CS8
상세설명  Dual/Quad 18MHz, Low Noise, Rail-to-Rail, CMOS Op Amps
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC6241CS8 데이터시트(HTML) 24 Page - Linear Technology

Back Button LTC6241CS8 Datasheet HTML 16Page - Linear Technology LTC6241CS8 Datasheet HTML 17Page - Linear Technology LTC6241CS8 Datasheet HTML 18Page - Linear Technology LTC6241CS8 Datasheet HTML 19Page - Linear Technology LTC6241CS8 Datasheet HTML 20Page - Linear Technology LTC6241CS8 Datasheet HTML 21Page - Linear Technology LTC6241CS8 Datasheet HTML 22Page - Linear Technology LTC6241CS8 Datasheet HTML 23Page - Linear Technology LTC6241CS8 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC6241/LTC6242
24
62412f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2005
LT/TP 0605 500 • PRINTED IN USA
1kHz
101kHz
10kHz/DIV
6241 TA02b
0V
1kHz
101kHz
6241 TA02c
10kHz/DIV
0V
TYPICAL APPLICATIO
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1151
±15V Zero-Drift Op Amp
Dual High Voltage Operation ±18V
LT1792
Low Noise Precision JFET Op Amp
6nV/√Hz Noise, ±15V Operation
LTC2050
Zero-Drift Op Amp
2.7 Volt Operation, SOT-23
LTC2051/LTC2052
Dual/Quad Zero-Drift Op Amp
Dual/Quad Version of LTC2050 in MS8/GN16 Packages
LTC2054/LTC2055
Single/Dual Zero-Drift Op Amp
Micropower Version of the LTC2050/LTC2051 in SOT-23 and DD Packages
Figure 11. Ultralow Noise 1MΩ 150kHz Photodiode Amplifier
LTC6241 Output Noise Spectrum. 1MΩ Resistor Noise
Dominates; Ideal Performance
Competition Output Noise Spectrum. Op Amp Noise Dominates;
Performance Compromised
R2
1.69k
C3
180pF
C1
1500pF
+1.5V
–1.5V
–1.5V
SFH213FA
OR EQUIVALENT
(
≤4pF)
6241 TA02a
RF
1M
Ω
R1
866
Ω
–
+
1/2
LTC6241
–
+
1/2
LTC6241
C2
1500pF
CF
1pF
1M
Ω TIA
150kHz 3RD ORDER BUTTERWORTH FILTER
R3
2k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24