전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IX6611 데이터시트(PDF) 12 Page - IXYS Corporation

부품명 IX6611
상세설명  IGBT Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IXYS [IXYS Corporation]
홈페이지  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6611 데이터시트(HTML) 12 Page - IXYS Corporation

Back Button IX6611 Datasheet HTML 7Page - IXYS Corporation IX6611 Datasheet HTML 8Page - IXYS Corporation IX6611 Datasheet HTML 9Page - IXYS Corporation IX6611 Datasheet HTML 10Page - IXYS Corporation IX6611 Datasheet HTML 11Page - IXYS Corporation IX6611 Datasheet HTML 12Page - IXYS Corporation IX6611 Datasheet HTML 13Page - IXYS Corporation IX6611 Datasheet HTML 14Page - IXYS Corporation IX6611 Datasheet HTML 15Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
12
PRELIMINARY
R00A
IX6611
shoot-through in the large output P-channel and
N-channel devices.
The Gate Control Logic block also receives power
supply status, IGBT over-current status, and IGBT
collector over-voltage status signals. Based on these
signals the output stage is conditioned accordingly as
shown in Figure 2 on page 9, Figure 3 on page 9,
Figure 4 on page 10 and Figure 5 on page 10.
If a supply under-voltage or a supply over-voltage fault
event is detected during the leading edge of the input
PWM gate drive cycle, then the driver is disabled for
the entire duration of the cycle. Normal operation
resumes at the beginning of the next cycle only if there
is no supply fault condition.
If an IGBT over-current fault occurs during the ON
time of the PWM cycle, then the IGBT driver output is
forced low for the remainder of the cycle. Normal
operation resumes at the beginning of the next PWM
gate drive cycle.
During the OFF time of the IGBT driver, if an IGBT
collector over-voltage fault occurs, then for the
remainder of the cycle the output PFET is turned off
and the output NFET state is controlled by the ACL
comparator as shown in the Figure 5 on page 10.
Normal operation resumes at the beginning of the next
PWM gate drive cycle.
3.1.4
IGBT Drive Outputs
IX6611 contains separate 10A peak source and sink
outputs. Separated sink and source outputs allow
independent gate charge and discharge control
without an external diode. The internal dead-time
circuit eliminates the cross conduction of the source
and sink outputs.
3.1.5
Over Current Comparator
IX6611 contains an Over Current Comparator (OC
COMP) with a 300mV threshold. This comparator is
used for sensing over-current conditions in the
external IGBT.
Emitter current sense can be implemented either by
using a low value current shunt or an IGBT with a
secondary current sense output.
The current-sense method works well for high gain
IGBTs that do not have inherent short circuit
protection. Careful application board layout is
mandatory due to low sense voltage.
Traditional de-saturation protection can also be
implemented using a large ratio resistor divider
connected across the collector and the emitter. A
noise filter (RC) at the current sense input may be
required due to low sense voltage.
3.1.6
Leading Edge Blanking Circuit
To prevent false tripping of the OC Comparator, its
input is grounded for a fixed amount of time during the
turn-on of the IGBT.
Leading Edge Blanking Circuit sets the blanking time
and it is programmable through an external capacitor.
The OC Comparator input is also grounded during the
off time of the driver.
3.1.7
Active Clamp Comparator
IX6611 contains an Active Clamp Comparator (ACL
COMP) with a 3.1V threshold that can be used for
implementing an advanced active clamping technique
as shown in application circuit diagram Figure 6 on
page 11. ACL COMP threshold is with respect to VEE.
During the turn off of the IGBT, the ACL comparator
can detect an over voltage, if the collector voltage
rises above the breakdown voltage of the diode
connected at the collector. In the over voltage
condition the ACL comparator forces the gate driver
output to a tri-state condition and the IGBT starts to
turn on due to the break down diode current charging
the IGBT gate. Once the IGBT turns on, its collector
voltage falls, the diode recovers from break down, and
the ACL comparator turns on the NMOS output and
forces the IGBT gate low. This sequence may repeat
several times until the energy in the external
inductance is dissipated.
ACL comparator is active only when the driver output
PFET is OFF.
3.1.8
Thermal Shutdown (THSD)
IX6611 contains a Thermal Shutdown circuit to protect
the device against the damage due to excessive die
temperature. When the junction temperature exceeds
150°C, the input signals to the gate driver and the ACL
comparator are disabled and the gate driver output is
forced low. Device resumes normal operation when
the junction temperature falls below 130°C.
3.1.9
Output Fault Pulse Generator
An IGBT over current fault event can occur any time
during the ON time of the gate drive signal. When an



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com