| 전자부품 데이터시트 검색엔진 |
|
TYN612MFP 데이터시트(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TYN612MFP 데이터시트(HTML) 1 Page - STMicroelectronics |
|
1 / 7 page ![]() ® 1/7 Table 1: Main Features DESCRIPTION The TYN612M SCR is suitable to fit modes of control found in applications such as voltage regulation circuits for motorbikes, overvoltage crowbar protection, motor control circuits in power tools and kitchen aids, inrush current limiting circuits, capacitive discharge ignition. The insulated fullpack package allows a back to back configuration. Symbol Value Unit IT(RMS) 12 A VDRM/VRRM 600 V IGT (min./max.) 1.5 / 5 mA TYN612M 12A SCR REV. 2 February 2005 Table 2: Order Codes Part Number Marking TYN612MRG TYN612M TYN612MFP TYN612MFP G A A K G A K TO-220AB (TYN612MRG) TO-220FPAB (TYN612MFP) A K G Table 3: Absolute Ratings (limiting values) Symbol Parameter Value Unit IT(RMS) RMS on-state current (180° conduction angle) TO-220AB Tc = 105°C 12 A TO-220FPAB Tc = 70°C 12 IT(AV) Average on-state current (180° conduction angle) TO-220AB Tc = 105°C 8 A TO-220FPAB Tc = 70°C 8 ITSM Non repetitive surge peak on-state current tp = 8.3 ms Tj = 25°C 125 A tp = 10 ms 120 I²tI²t Value for fusing tp = 10 ms Tj = 25°C 72 A²S dI/dt Critical rate of rise of on-state cur- rent IG = 2 x IGT , tr ≤ 100 ns F = 60 Hz Tj = 125°C 50 A/µs IGM Peak gate current tp = 20 µs Tj = 125°C 4 A PG(AV) Average gate power dissipation Tj = 125°C 1 W Tstg Tj Storage junction temperature range Operating junction temperature range - 40 to + 150 - 40 to + 125 °C VRGM Maximum peak reverse gate voltage 5 V |
유사한 부품 번호 - TYN612MFP |
|
유사한 설명 - TYN612MFP |