| 전자부품 데이터시트 검색엔진 |
|
2N3906-AP 데이터시트(PDF) 4 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
2N3906-AP 데이터시트(HTML) 4 Page - STMicroelectronics |
|
4 / 5 page ![]() DIM. mm inch MIN. TYP. MAX. MIN. TYP. MAX. A1 4.80 0.189 T 3.80 0.150 T1 1.60 0.063 T2 2.30 0.091 d 0.48 0.019 P0 12.50 12.70 12.90 0.492 0.500 0.508 P2 5.65 6.35 7.05 0.222 0.250 0.278 F1,F2 2.44 2.54 2.94 0.096 0.100 0.116 delta H -2.00 2.00 -0.079 0.079 W 17.50 18.00 19.00 0.689 0.709 0.748 W0 5.70 6.00 6.30 0.224 0.236 0.248 W1 8.50 9.00 9.25 0.335 0.354 0.364 W2 0.50 0.020 H 18.50 20.50 0.728 0.807 H0 15.50 16.00 16.50 0.610 0.630 0.650 H1 25.00 0.984 D0 3.80 4.00 4.20 0.150 0.157 0.165 t 0.90 0.035 L 11.00 0.433 I1 3.00 0.118 delta P -1.00 1.00 -0.039 0.039 TO-92 AMMOPACK SHIPMENT (Suffix"-AP") MECHANICAL DATA 2N3906 4/5 |