전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SCS140P-C 데이터시트(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

부품명 SCS140P-C
상세설명  Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECOS [SeCoS Halbleitertechnologie GmbH]
홈페이지  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS140P-C 데이터시트(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS140P-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS140P-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCS140P-C
1A, 40V
Schottky Barrier Rectifiers
Elektronische Bauelemente
27-Apr-2018 Rev. K
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering: 250°C for 10 Seconds at Term inals
Low Forward Voltage
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Solderable Per MIL-STD-202, Method 208 Guaranteed
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
MARKING
PACKAGE INFORMATION
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Ratings
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
40
V
Working Peak Reverse Voltage
VRWM
40
V
Maximum DC Blocking Voltage
VR
40
V
Average Forward Current @TJ=25°C
I F(AV)
1
A
Peak Forward Current @8.3ms Half Sine
IFSM
10
A
Maximum Instantaneous Forward Voltage
@IFM=1A
TA=25°C
VF
0.52
V
TA=125°C
0.45
Maximum DC Reverse Current
@Rated DC Blocking Voltage
TJ=25°C
IR
0.1
mA
TJ=125°C
5
Typical Junction Capacitance
1
CJ
160
pF
Typical Thermal Resistance from Junction-Ambient
2
RθJA
310
°C/W
Operating and Storage Temperature Range
TJ, TSTG
125,-55~150
°C
Notes:
1.
Measured at 1MHZ and applied reverse of 0V DC.
2.
FR-4 PCB, 2oz. 0.7mm×1.2mm copper pad.
BM
Package
MPQ
Leader Size
SOD-123
3K
7 inch
Part Number
Type
SCS140P-C
Lead (Pb)-free and Halogen-free
SOD-123
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
0.94
1.35
F
1.40
1.80
B
0.10 REF.
G
2.54
2.85
C
1.00
1.30
H
3.55
3.86
D
0.30
0.78
J
0.50 REF.
E
0.08
0.25


유사한 부품 번호 - SCS140P-C

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SCS140P SECOS-SCS140P Datasheet
184Kb / 2P
VOLTAGE 20 V ~ 100 V 1.0 A Schottky Barrier Rectifiers
SCS140P SECOS-SCS140P Datasheet
313Kb / 2P
Schottky Barrier Rectifiers
logo
WILLAS ELECTRONIC CORP
SCS140P WILLAS-SCS140P Datasheet
153Kb / 2P
VOLTAGE 20V ~ 100V 1.0AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS140PR SECOS-SCS140PR Datasheet
198Kb / 2P
VOLTAGE 20V ~ 40V 1.0 AMP Schottky Barrier Rectifiers
SCS140P SECOS-SCS140P_15 Datasheet
313Kb / 2P
Schottky Barrier Rectifiers
More results

유사한 설명 - SCS140P-C

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com