전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC4627J 데이터시트(PDF) 2 Page - Panasonic Semiconductor

부품명 2SC4627J
상세설명  For High-Frequency Amplification
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC4627J 데이터시트(HTML) 2 Page - Panasonic Semiconductor

  2SC4627J Datasheet HTML 1Page - Panasonic Semiconductor 2SC4627J Datasheet HTML 2Page - Panasonic Semiconductor 2SC4627J Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC4627J
2
SJC00163
AED
IC  VBE
VCE(sat)  IC
hFE  IC
PC  Ta
IC  VCE
IC  IB
Cob  VCB
0
160
40
120
80
0
150
125
100
75
50
25
Ambient temperature T
a (°C)
012
8
416
0
12
10
8
6
4
2
Ta
= 25°C
IB
= 100 µA
80
µA
60
µA
40
µA
20
µA
Collector-emitter voltage V
CE (V)
0
180
150
120
30
90
60
0
12
10
8
6
4
2
VCE
= 6 V
Ta
= 25°C
Base current I
B (µA)
0
1.2
1.0
0.8
0.2
0.6
0.4
0
60
50
40
30
20
10
VCE
= 6 V
Ta
= 75°C
−25°C
25
°C
Base-emitter voltage V
BE (V)
0.1
1
10
100
0.001
0.01
0.1
1
10
Ta
= 75°C
25
°C
−25°C
IC / IB
= 10
Collector current I
C (mA)
1
10
100
1 000
0
120
100
80
60
40
20
VCE
= 6 V
Ta
= 75°C
25
°C
−25°C
Collector current I
C (mA)
1
10
100
0
3.0
2.5
2.0
1.5
1.0
0.5
f
= 1 MHz
IE
= 0
Ta
= 25°C
Collector-base voltage V
CB (V)



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com