전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AP1518 데이터시트(PDF) 2 Page - Anachip Corp

부품명 AP1518
상세설명  300KHz, 3A PWM Buck DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ANACHIP [Anachip Corp]
홈페이지  
Logo ANACHIP - Anachip Corp

AP1518 데이터시트(HTML) 2 Page - Anachip Corp

  AP1518 Datasheet HTML 1Page - Anachip Corp AP1518 Datasheet HTML 2Page - Anachip Corp AP1518 Datasheet HTML 3Page - Anachip Corp AP1518 Datasheet HTML 4Page - Anachip Corp AP1518 Datasheet HTML 5Page - Anachip Corp AP1518 Datasheet HTML 6Page - Anachip Corp AP1518 Datasheet HTML 7Page - Anachip Corp AP1518 Datasheet HTML 8Page - Anachip Corp AP1518 Datasheet HTML 9Page - Anachip Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AP1518
300KHz, 3A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.1.1 Oct 29, 2004
2/12
Ordering Information
Package
T5: TO220-5L
K5: TO263-5L
AP1518 X X
Packing
Blank : Tube
A
: Taping
T5R: TO220-5L(R)
Block Diagram
Current
Source
bias
0.8V
Reference
2.5V
Regulator
300kHz
OSC.
Start
up
+
+
+
_
Thermal
Shutdown
Pre-driver
Comp
Comp
Gnd
Output
V
IN
SD
FB
220mV
200mV
3A
Switch
+
_
Amp
Comp
Frequecy
compen-
sation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com