전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CS5206-3GDPR3 데이터시트(PDF) 5 Page - ON Semiconductor

부품명 CS5206-3GDPR3
상세설명  6.0 A Adjustable, and Fixed 3.3 V and 5.0 V Linear Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5206-3GDPR3 데이터시트(HTML) 5 Page - ON Semiconductor

  CS5206-3GDPR3 Datasheet HTML 1Page - ON Semiconductor CS5206-3GDPR3 Datasheet HTML 2Page - ON Semiconductor CS5206-3GDPR3 Datasheet HTML 3Page - ON Semiconductor CS5206-3GDPR3 Datasheet HTML 4Page - ON Semiconductor CS5206-3GDPR3 Datasheet HTML 5Page - ON Semiconductor CS5206-3GDPR3 Datasheet HTML 6Page - ON Semiconductor CS5206-3GDPR3 Datasheet HTML 7Page - ON Semiconductor CS5206-3GDPR3 Datasheet HTML 8Page - ON Semiconductor CS5206-3GDPR3 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CS5206−1, CS5206−3, CS5206−5
http://onsemi.com
5
101
Frequency (Hz)
Figure 9. Ripple Rejection vs. Frequency
(Adjustable Version)
0
20
40
60
80
100
102
103
104
105
TCASE = 25°C
IOUT = 6.0 A
(VIN − VOUT = 3.0 V)
VRIPPLE = 1.6 VPP
CAdj = 25 µF
APPLICATIONS INFORMATION
The CS5206−X family of linear regulators provide fixed
or adjustable voltages at currents up to 6.0 A. The regulators
are protected against short circuit, and include thermal
shutdown and safe area protection (SOA) circuitry. The
SOA protection circuitry decreases the maximum available
output current as the input−output differential voltage
increases.
The CS5206−X has a composite PNP−NPN output
transistor and requires an output capacitor for stability. A
detailed procedure for selecting this capacitor is included in
the Stability Considerations section.
Adjustable Operation
The adjustable regulator (CS5206−1) has an output
voltage range of 1.25 V to 13 V. An external resistor divider
sets the output voltage as shown in Figure 10. The regulator
maintains a fixed 1.25 V (typical) reference between the
output pin and the adjust pin.
A resistor divider network R1 and R2 causes a fixed
current to flow to ground. This current creates a voltage
across R2 that adds to the 1.25 V across R1 and sets the
overall output voltage. The adjust pin current (typically
50
µA) also flows through R2 and adds a small error that
should be taken into account if precise adjustment of VOUT
is necessary.
The output voltage is set according to the formula:
VOUT + VREF
R1
) R2
R1
) IAdj
R2
The term IAdj × R2 represents the error added by the adjust
pin current.
R1 is chosen so that the minimum load current is at least
10 mA. R1 and R2 should be the same type, e.g. metal film
for best tracking over temperature. The adjust pin is
bypassed to improve the transient response and ripple
rejection of the regulator.
CAdj
IAdj
Figure 10. Resistor Divider Scheme for the
Adjustable Version
VREF
R2
R1
C2
VOUT
VIN
C1
VIN
VOUT
Adj
CS5206−1
Stability Considerations
The output or compensation capacitor helps determine
three main characteristics of a linear regulator: start−up
delay, load transient response and loop stability.
The capacitor value and type is based on cost, availability,
size and temperature constraints. A tantalum or aluminum
electrolytic capacitor is best, since a film or ceramic
capacitor with almost zero ESR, can cause instability. The
aluminum electrolytic capacitor is the least expensive
solution. However, when the circuit operates at low
temperatures, both the value and ESR of the capacitor will
vary considerably. The capacitor manufacturers data sheet
provides this information.
A 22
µF tantalum capacitor will work for most
applications, but with high current regulators such as the



Html Pages

1 2 3 4 5 6 7 8 9 10