전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2909577 데이터시트(PDF) 21 Page - PHOENIX CONTACT

부품명 2909577
상세설명  QUINT4-PS/1AC/24DC/3.8/PT
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHOENIX [PHOENIX CONTACT]
홈페이지  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2909577 데이터시트(HTML) 21 Page - PHOENIX CONTACT

Back Button 2909577 Datasheet HTML 17Page - PHOENIX CONTACT 2909577 Datasheet HTML 18Page - PHOENIX CONTACT 2909577 Datasheet HTML 19Page - PHOENIX CONTACT 2909577 Datasheet HTML 20Page - PHOENIX CONTACT 2909577 Datasheet HTML 21Page - PHOENIX CONTACT 2909577 Datasheet HTML 22Page - PHOENIX CONTACT 2909577 Datasheet HTML 23Page - PHOENIX CONTACT 2909577 Datasheet HTML 24Page - PHOENIX CONTACT 2909577 Datasheet HTML 25Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
QUINT4-PS/1AC/24DC/3.8/PT
108339_en_00
PHOENIX CONTACT 21 / 28
9.3
Output
By default, the power supply is pre-set to a nominal output
voltage of 24 V DC.
The output voltage is adjusted using the potentiometer.
9.4
Protection of the secondary side
The power supply is electronically short-circuit-proof and
no-load-proof. In the event of an error, the output voltage is
limited
If sufficiently long connecting cables are used,
fuse protection does not have to be provided
for each individual load.
If each load is protected separately with its
own protective device, the selective shutdown
in the event of a fault enables the system to
remain operational.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28