전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ML9042 데이터시트(PDF) 55 Page - OKI electronic componets

부품명 ML9042
상세설명  DOT MATRIX LCD CONTROLLER DRIVER
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  OKI [OKI electronic componets]
홈페이지  http://www.oki.com
Logo OKI - OKI electronic componets

ML9042 데이터시트(HTML) 55 Page - OKI electronic componets

Back Button ML9042 Datasheet HTML 50Page - OKI electronic componets ML9042 Datasheet HTML 51Page - OKI electronic componets ML9042 Datasheet HTML 52Page - OKI electronic componets ML9042 Datasheet HTML 53Page - OKI electronic componets ML9042 Datasheet HTML 54Page - OKI electronic componets ML9042 Datasheet HTML 55Page - OKI electronic componets ML9042 Datasheet HTML 56Page - OKI electronic componets ML9042 Datasheet HTML 57Page - OKI electronic componets ML9042 Datasheet HTML 58Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 55 / 58 page
background image
FEDL9042-01
OKI Semiconductor
ML9042-xx
55/58
ML9042-xx CVWA GOLD BUMP SPECIFICATION (HIGH HARDNESS)
Gold Bump Specification
(Unit:
µm)
Symbol
Parameter
MIN
TYP
MAX
A
Bump Pitch (I/O Section: Pitch Direction)
70
—
—
B
Bump Size (I/O Section: Pitch Direction)
40
44
48
C
Bump Size (I/O Section: Depth Direction)
96
100
104
D
Bump-to-Bump Distance (I/O Section: Pitch Direction)
22
26
30
E
Bump Size (L-mark Section: Length)
76
80
84
F
Bump Size (L-mark Section: Width)
26
30
34
G
Sliding of Total Bump Pitches
—
—
2
Bump Height
10
15
20
H
Bump Height Dispersion Inside Chip (Range)
—
—
4
I
Bump Edge Height
—
—
5
J
Shear Strength (g)
27
—
—
K
Bump Hardness (Hv: 25 g load)
50
90
130
Wafer Thickness; 625
±20 µm
Chip Size; 7.80 mm
× 1.80 mm
Top View and Cross Section View
B
D
[Cross Section View]
[I/O Section]
[L-Alignment Mark]
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com