전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N3114CSM 데이터시트(PDF) 2 Page - TT Electronics.

부품명 2N3114CSM
상세설명  SILICON PLANAR EPITAXIAL NPN TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TTELEC [TT Electronics.]
홈페이지  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

2N3114CSM 데이터시트(HTML) 2 Page - TT Electronics.

  2N3114CSM Datasheet HTML 1Page - TT Electronics. 2N3114CSM Datasheet HTML 2Page - TT Electronics. 2N3114CSM Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SILICON PLANAR EPITAXIAL
NPN TRANSISTOR
2N3114CSM
Semelab Limited
Semelab Limited
Semelab Limited
Semelab Limited
Coventry Road, Lutterworth, Leicestershire, LE17 4JB
Telephone +44 (0) 1455 556565
Fax +44 (0) 1455 552612
Email: sales@semelab-tt.com
Website: http://www.semelab-tt.com
Document Number 5293
Issue 3
Page 2 of 3
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise stated)
Symbols
Parameters
Test Conditions
Min.
Typ
Max.
Units
ICEO
Collector-Cut-Off Current
VCE = 150V
IB = 0
100
VCB = 150V
IE = 0
10
µA
VCB = 100V
IE = 0
10
nA
ICBO
Collector-Cut-Off Current
TA = 150°C
10
VEB = 5V
IC = 0
1.0
µA
IEBO
Emitter-Cut-Off Current
VEB = 4V
IC = 0
100
nA
IC = 0.1mA
VCE = 10V
15
35
IC = 30mA
VCE = 10V
30
60
120
hFE
(1)
Forward-current transfer
ratio
TA = -55°C
12
24
VCE(sat)
(1)
Collector-Emitter Saturation
Voltage
IC = 50mA
IB = 5mA
1.0
VBE(sat)
(1)
Base-Emitter Saturation
Voltage
IC = 50mA
IB = 5mA
0.9
V
DYNAMIC CHARACTERISTICS
IC = 30mA
VCE = 10V
| hfe |
Small signal forward-current
transfer ratio
f = 20MHz
2
VCB = 20V
IE = 0
Cobo
Output Capacitance
f = 1.0MHz
9
pF
VEB = 0.5V
IC = 0
Cibo
Input Capacitance
f = 1.0MHz
80
pF
Notes
Notes
Notes
Notes
(1)
Pulse Width ≤ 300us, δ ≤ 2%



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com