전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2N7000 데이터시트(PDF) 1 Page - SEC Electronics Inc.

부품명 2N7000
상세설명  N-Channel Enhancement Mode Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SECELECTRONICS [SEC Electronics Inc.]
홈페이지  http://www.secsemi.com
Logo SECELECTRONICS - SEC Electronics Inc.

2N7000 데이터시트(HTML) 1 Page - SEC Electronics Inc.

  2N7000 Datasheet HTML 1Page - SEC Electronics Inc. 2N7000 Datasheet HTML 2Page - SEC Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
2N7000
0.2A , 60V , RDS(ON) 5
N-Channel Enhancement Mode Power MOSFET
10-Nov-2015 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
2N
7000
021
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High density cell design for low RDS(ON)
Voltage controlled small signal switch
Rugged and reliable
High saturation current capability
APPLICATIONS
Load switch for portable devices
DC/DC converter
MARKING
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
60
V
Continuous Drain Current
ID
0.2
A
Power Dissipation
PD
0.625
W
Thermal Resistance from Junction to Ambient
RθJA
200
°C / W
Operating Junction and Storage Temperature Range
TJ, TSTG
150, -55~150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Drain-Source Breakdown Voltage
V(BR)DSS
60
-
-
V
VGS=0, ID=10μA
Gate Threshold Voltage
1
VGS(th)
0.8
-
3
V
VDS=VGS, ID=1mA
Gate-Source Leakage Current
IGSS
-
-
±10
nA
VDS=0, VGS= ±15V
Drain-Source Leakage Current
IDSS
-
-
1
μAVDS=60V, VGS=0
On-State Drain Current
ID(ON)
75
-
-
mA VDS=10V, VGS=4.5V
-
-
6
VGS=4.5V, ID=75mA
Static Drain-Source On-Resistance
1
RDS(ON)
-
-
5
Ω
VGS=10V, ID=500mA
Forward Transconductance
1
gfs
100
-
-
mS VDS=10V, ID=200mA
-
-
0.45
VGS=4.5V, ID=75mA
Drain-Source On-Voltage
1
VDS(ON)
-
-
2.5
V
VGS=10V, ID=500mA
Input Capacitance
2
Ciss
-
60
-
Output Capacitance
2
Coss
-
25
-
Reverse Transfer Capacitance
2
Crss
-
5
-
pF
VGS=0
VDS=25V
f=1MHz
Turn-on Delay Time
2
Td(on)
-
10
-
Turn-off Delay Time
2
Td(off)
-
10
-
nS
VDD=15V, VGEN=10V
RL=30Ω, RG=25Ω, ID=500mA
Notes:
1.
Pulse Test.
2.
These parameters have no way to be verified.
TO-92

G

S
D
Source
Gate
Drain
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
4.40
4.70
F
0.30
0.51
B
4.30
4.70
G
1.27 TYP.
C
12.70
14.5
H
1.10
1.40
D
3.30
3.81
J
2.42
2.66
E
0.36
0.56


유사한 부품 번호 - 2N7000

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
2N7000 MOTOROLA-2N7000 Datasheet
77Kb / 4P
CASE 29-04, STYLE 22 TO-92 (TO-226AA)
logo
NXP Semiconductors
2N7000 PHILIPS-2N7000 Datasheet
76Kb / 12P
N-channel enhancement mode vertical D-MOS transistor
April 1995
logo
Supertex, Inc
2N7000 SUTEX-2N7000 Datasheet
30Kb / 4P
N-Channel Enhancement-Mode Vertical DMOS FET
logo
Transys Electronics
2N7000 TRSYS-2N7000 Datasheet
288Kb / 3P
N-CHANNEL-ENHANCEMENT
logo
Vishay Siliconix
2N7000 VISHAY-2N7000 Datasheet
51Kb / 5P
N-Channel 60-V (D-S) MOSFET
16-Jul-01
More results

유사한 설명 - 2N7000

제조업체부품명데이터시트상세설명
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com