전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISPPAC30 데이터시트(PDF) 21 Page - Lattice Semiconductor

부품명 ISPPAC30
상세설명  In-System Programmable Analog Circuit
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LATTICE [Lattice Semiconductor]
홈페이지  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ISPPAC30 데이터시트(HTML) 21 Page - Lattice Semiconductor

Back Button ISPPAC30 Datasheet HTML 17Page - Lattice Semiconductor ISPPAC30 Datasheet HTML 18Page - Lattice Semiconductor ISPPAC30 Datasheet HTML 19Page - Lattice Semiconductor ISPPAC30 Datasheet HTML 20Page - Lattice Semiconductor ISPPAC30 Datasheet HTML 21Page - Lattice Semiconductor ISPPAC30 Datasheet HTML 22Page - Lattice Semiconductor ISPPAC30 Datasheet HTML 23Page - Lattice Semiconductor ISPPAC30 Datasheet HTML 24Page - Lattice Semiconductor ISPPAC30 Datasheet HTML 25Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Lattice Semiconductor
ispPAC30 Preliminary Data Sheet
21
Table 4. JTAG Configuration Register (CFG) Bits
Table 5. JTAG UES Register and ESF Bits
Auto-Calibration Mode
Every time the ispPAC30 is powered up, an automatic auto-calibration sequence is initiated. If this adversely affects
system operation, provisions must be incorporated that minimize the result as auto-calibration cannot be defeated.
The auto-calibration of the ispPAC30 effectively isolates it from external connections and drives the inputs of the
device to 0V and checks to see that there is zero offset at the outputs. This check is done maintaining the input-to-
Symbol
Name
Description
ARP Bits
Analog Routing Pool Bits
These various bits control the interconnect from input pins to IA’s and
MDACs, as well as where the VREF’s go and which input resources are
summed with one OA or the other and whether those OA’s are fed back to
any of the input cells.
CALSEL
CAL Level Select
Any of the six input devices, IA1, IA2, IA3, IA4, MDAC1 and MDAC2 can be
selected independently to have auto calibration performed with 0V (default)
or 2.5V applied to their inputs. Because of common-mode errors, choose
the level closest to the operating levels for the lowest offset after an auto-cal
operation.
ENSPIPU
Enable SPI Mode Pull-up
This bit can set the device for dedicated SPI mode operation without any
external strapping of the pin being required. Note that normal JTAG opera-
tions cannot occur, such as programming by PAC-Designer when SPI mode
is enabled.
FBCAP
Feedback Capacitor
Bits to control the seven capacitors of each of OA’s.
IAGAIN
Input Amplifier Gain
These bits determine the gain of IA1, IA2, IA3, and IA4 (from 1 to 10).
IAPOL
Input Amplifier Polarity
These bits determine polarity of IA1, IA2, IA3, and IA4 (positive or inverted).
MDACCode
MDAC Code
Bits to control the code settings of MDAC1 and MDAC2.
MSELPOL
MUX Select 1 & 2 Polarity
Determines via programmed bits whether a logic high activates input a or b
of either of the multiplexers in front of IA1 and IA4.
MSELPU1/2
MUX Select 1 & 2 PU/PD
Programs whether MSEL1 and MSEL2 have internal pull-ups or pull-downs.
OACFG
Output Amp Configuration
Determines through various bits whether OA1 and OA2 are acting as filters
(both feedback resistor and capacitor in circuit), or as integrators (only the
capacitor in feedback), or as comparators (neither feedback resistor or
capacitor in circuit).
OAPD1/2
Output Amp Power-Down
Either or both of the output amplifiers can be commanded in power-down
mode without the rest of the chip having to be powered down. In this state,
their outputs are effectively in high-impedance mode.
PU/PD Bits
Pull-Up/Down
A number of pins on the PAC30 have internal, programmable pull-up and
pull-down capability. See the pin description table in the specification sec-
tion for details on which pins and their default (shipped) states.
TDOSlew Bit
TDO Slew Rate
The serial digital data output pin has two output slew rates. The default is
low to reduce digital disruption of the analog circuitry. Sometimes a higher
slew rate is needed, so it is provided as a programmable option.
VREF1, VREF2
Voltage References 1 and 2
These bits set any of the seven available voltage outputs of VREF1 and
VREF2.
Symbol
Name
Description
UES Bits
User Electronic Signature
These are uncommitted E
2 bits that can be used to store device information
for future reference. The ispPAC30 contains 16 UES bits. These bits are
accessible from within PAC-Designer by using the Edit Symbol, UES Bits
command.
ESF
Electronic Security Fuse
Setting this bit causes all subsequent readouts of the device configuration
to be disabled (JTAG Verify commands). Can be reset by performing a
JTAG user bulk erase command and reprogramming the device. This fea-
ture is used to prevent unauthorized readout of the device’s configuration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com