| 전자부품 데이터시트 검색엔진 |
|
CS5397 데이터시트(PDF) 29 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS5397 데이터시트(HTML) 29 Page - Cirrus Logic |
|
29 / 40 page ![]() CS5396 CS5397 DS229PP2 29 R_cal_coeff (address 00001000 - 00001010) Default = ‘0000 0000 0000 0000 0100 0000’. (represents 1) The right channel calibration factor is stored in these registers with MSB in bit 7 of register ad- dress 00001010. This value is updated after every calibration cycle. User can read from or write to this calibration factor through the serial control port. L_cal_coeff (address 00001011 - 00001101) Default = ‘0000 0000 0000 0000 0100 0000’. (represents 1) The left channel calibration factor is stored in these registers with MSB in bit 7 of register ad- dress 00001101. This value is updated after every calibration cycle. User can read from or write to this calibration factor through the serial control port. L_offset (address 00001110) Default = ‘0000 0000’. User can read or write this offset through the serial control port. R_offset (address 00001111) Default = ‘0000 0000’. User can read or write this offset through the serial control port. 765 4321 0 ralpha (bit7) ralpha (bit6) ralpha (bit5) ralpha (bit4) ralpha (bit3) ralpha (bit2) ralpha (bit1) ralpha (bit0) 000 0000 0 ralpha (bit15) ralpha (bit14) ralpha (bit13) ralpha (bit12) ralpha (bit11) ralpha (bit10) ralpha (bit9) ralpha (bit8) 000 0000 0 ralpha (bit23) ralpha (bit22) ralpha (bit21) ralpha (bit20) ralpha (bit19) ralpha (bit18) ralpha (bit17) ralpha (bit16) 010 0000 0 765 4321 0 lalpha (bit7) lalpha (bit6) lalpha (bit5) lalpha (bit4) lalpha (bit3) lalpha (bit2) lalpha (bit1) lalpha (bit0) 000 0000 0 lalpha (bit15) lalpha (bit14) lalpha (bit13) lalpha (bit12) lalpha (bit11) lalpha (bit10) lalpha (bit9) lalpha (bit8) 000 0000 0 lalpha (bit23) lalpha (bit22) lalpha (bit21) lalpha (bit20) lalpha (bit19) lalpha (bit18) lalpha (bit17) lalpha (bit16) 010 0000 0 765 4321 0 los(bit13) los(bit12) los(bit11) los(bit10) los(bit9) los(bit8) los(bit7) los(bit6) 000 0000 0 765 4321 0 ros(bit13) ros(bit12) ros(bit11) ros(bit10) ros(bit9) ros(bit8) ros(bit7) ros(bit6) 000 0000 0 |