전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPA02N80C3 데이터시트(PDF) 1 Page - Inchange Semiconductor Company Limited

부품명 SPA02N80C3
상세설명  Isc N-Channel MOSFET Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ISC [Inchange Semiconductor Company Limited]
홈페이지  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

SPA02N80C3 데이터시트(HTML) 1 Page - Inchange Semiconductor Company Limited

  SPA02N80C3 Datasheet HTML 1Page - Inchange Semiconductor Company Limited SPA02N80C3 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
Isc N-Channel MOSFET Transistor
SPA02N80C3
·
FEATURES
·
With TO-220F package
·
Low input capacitance and gate charge
·
Reduced switching and conduction losses
·
100% avalanche tested
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
·
APPLICATIONS
·
Switching applications
·
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage
800
V
VGSS
Gate-Source Voltage
±
30
V
ID
Drain Current-Continuous @Tc=25℃
(VGS at 10V)
Tc=100℃
2
1.2
A
IDM
Drain Current-Single Pulsed
6
A
PD
Total Dissipation @TC=25℃
30.5
W
Tj
Max. Operating Junction Temperature
150
Tstg
Storage Temperature
-55~150
·
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth(ch-c)
Channel-to-case thermal resistance
4.1
/W
Rth(ch-a)
Channel-to-ambient thermal resistance
80
/W


유사한 부품 번호 - SPA02N80C3

제조업체부품명데이터시트상세설명
logo
Infineon Technologies A...
SPA02N80C3 INFINEON-SPA02N80C3 Datasheet
261Kb / 12P
Cool MOS Power Transistor
2003-10-14
SPA02N80C3 INFINEON-SPA02N80C3 Datasheet
374Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.9 2008-10-15
SPA02N80C3 INFINEON-SPA02N80C3 Datasheet
440Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.91 2011-09-28
logo
VBsemi Electronics Co.,...
SPA02N80C3 VBSEMI-SPA02N80C3 Datasheet
2Mb / 9P
Power MOSFET
logo
Infineon Technologies A...
SPA02N80C3 INFINEON-SPA02N80C3_08 Datasheet
374Kb / 10P
CoolMOSTM Power Transistor
Rev. 2.9 2008-10-15
More results

유사한 설명 - SPA02N80C3

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
ISCB18101 ISC-ISCB18101 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
ISCD18130 ISC-ISCD18130 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
ISCF18118 ISC-ISCF18118 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
ISCN18117 ISC-ISCN18117 Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
AOB2140L ISC-AOB2140L Datasheet
319Kb / 2P
isc N-Channel MOSFET Transistor
ISCN1894 ISC-ISCN1894 Datasheet
325Kb / 2P
isc N-Channel MOSFET Transistor
IPA60R199CP ISC-IPA60R199CP Datasheet
333Kb / 2P
isc N-Channel MOSFET Transistor
IPA90R500C3 ISC-IPA90R500C3 Datasheet
330Kb / 2P
isc N-Channel MOSFET Transistor
STD7N80K5 ISC-STD7N80K5 Datasheet
335Kb / 2P
isc N-Channel MOSFET Transistor
2SK2543 ISC-2SK2543 Datasheet
338Kb / 2P
isc N-Channel MOSFET Transistor
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com