전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

9478102002 데이터시트(PDF) 1 Page - Fair-Rite Products Corp.

부품명 9478102002
상세설명  E Cores
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIR-RITE [Fair-Rite Products Corp.]
홈페이지  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

9478102002 데이터시트(HTML) 1 Page - Fair-Rite Products Corp.

  9478102002 Datasheet HTML 1Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E Cores (9478102002)
Part Number: 9478102002
78 E CORE SET
The E core geometry offers an economical design approach for inductive applications in a variety of power designs.
E cores can be supplied with the center post gapped to a mechanical dimension or an A
Lvalue.
Catalog Drawing
3D Model
Weight indicated is per pair or set.
Weight: 1.8 (g)
Chart Legend
Σl/ A  :  Core Constant,    l
e :  Effective Path Length,    Ae :  Effective Cross- Sectional Area,    Ve :
 Effective Core Volume
A
L :  Inductance Factor  
Explanation of Part Numbers: Digits 1 & 2 = product class and 3 & 4 = material grade.
Electrical Properties
A
L(nH)
800 ±25%
Ae(cm
2)
0.127
Σl/ A(cm
-1) 23.4
l
e(cm)
2.96
V
e(cm
3)
0.376
A
min(cm
2) 0.122
Fair- Rite Products Corp.     One Commercial Row, Wallkill, New York 12589-0288
888-324-7748      845-895-2055      Fax: 845-895-2629      ferrites@fair- rite.com     www.fair- rite.com
Dim
mm
mm tol
nominal inch
inch misc.
A
12.7
±0.35
0.5
_
B
6.35
±0.15
0.25
_
C
3.6
±0.20
0.142
_
D
4.65
±0.15
0.183
_
E
8.8
min
0.346
min
F
3.6
±0.20
0.142
_


유사한 부품 번호 - 9478102002

제조업체부품명데이터시트상세설명
logo
Fair-Rite Products Corp...
9478101002 FAIR-RITE-9478101002 Datasheet
512Kb / 1P
E Cores
9478103002 FAIR-RITE-9478103002 Datasheet
512Kb / 1P
E Cores
9478104002 FAIR-RITE-9478104002 Datasheet
512Kb / 1P
E Cores
9478105002 FAIR-RITE-9478105002 Datasheet
512Kb / 1P
E Cores
More results

유사한 설명 - 9478102002

제조업체부품명데이터시트상세설명
logo
Fair-Rite Products Corp...
9478116002 FAIR-RITE-9478116002 Datasheet
516Kb / 1P
E Cores
9495103002 FAIR-RITE-9495103002 Datasheet
512Kb / 1P
E Cores
9495110002 FAIR-RITE-9495110002 Datasheet
512Kb / 1P
E Cores
9495111002 FAIR-RITE-9495111002 Datasheet
512Kb / 1P
E Cores
9498102002 FAIR-RITE-9498102002 Datasheet
512Kb / 1P
E Cores
9498103002 FAIR-RITE-9498103002 Datasheet
512Kb / 1P
E Cores
9498110002 FAIR-RITE-9498110002 Datasheet
512Kb / 1P
E Cores
9498111002 FAIR-RITE-9498111002 Datasheet
512Kb / 1P
E Cores
9478112002 FAIR-RITE-9478112002 Datasheet
512Kb / 1P
E Cores
9498117002 FAIR-RITE-9498117002 Datasheet
512Kb / 1P
E Cores
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com