전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HXR5004B 데이터시트(PDF) 1 Page - Integrated Device Technology

부품명 HXR5004B
상세설명  4 Channel 10Gb/s Receiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

HXR5004B 데이터시트(HTML) 1 Page - Integrated Device Technology

  HXR5004B Datasheet HTML 1Page - Integrated Device Technology HXR5004B Datasheet HTML 2Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2017 Integrated Device Technology, Inc.
1
May 16, 2017
4 Channel 10Gb/s Receiver
HXR5004B
Pr
oduct Brief
GeneralDescription
The
HXR5004B
Transimpedance
Limiting
Amplifier array is a member of IDT’s family of
Optical Receiver Transmitter Array (ORTA)
products targeted at the parallel optical links
market. Together with a PIN detector array or
discrete
detectors,
high-capacity,
high-
availability optical links can be designed for
telecomanddatacomapplications.
The
3.3V
SiGe
device
integrates
the
transimpedancepre-amplifier,thelimitingpost-
amplifier and a versatile CML output stage for
fouropticalchannels.
Applications
IEEE802.3baEthernettransceivers
InfiniBandQDR&FDRactivecables
Proprietarymulti-channelopticalmodules
DeviceDiagram
Features
20µAppreceiversensitivityfor10
-12BERat
10.3Gbps;betterthan3.0mAppoverload
66mWperchannelpowerconsumption
withlowpowersetting
Adjustableoutputswingsizeandpre-
emphasismodeandsignaldetectthreshold
IndependentRSSI
Optimizedforisolatedandcommoncathode
photo-detectorarraysfrommultiple
vendors
Controllinesaccessibleonbothsidesofthe
chip
QSFPMSAcompliance
OrderingInformation
Part
TempRange
Pin-Package
HXR5004B
-DNT
0°Cto+85°C
BareDie2.05mmx1.67mm
Forprice,deliveryschedules,andtoplaceorders,
pleasecontactIDT:www.IDT.com/go/sales
LOS
PRE
EMPHASIS
X=2
X=1
X=3
X=4
PxP
ZxP
RSSI
Serial Digital I/F
(I2C)
Control
ZxN
NotINT
CONF1 CONF2
VPDx
Figure1:Devicediagram


유사한 부품 번호 - HXR5004B

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
HXR5004A IDT-HXR5004A Datasheet
148Kb / 2P
4 Channel 10Gb/s Receiver
HXR5004A-DNT IDT-HXR5004A-DNT Datasheet
148Kb / 2P
4 Channel 10Gb/s Receiver
HXR5004A-DNT-F8 IDT-HXR5004A-DNT-F8 Datasheet
148Kb / 2P
4 Channel 10Gb/s Receiver
More results

유사한 설명 - HXR5004B

제조업체부품명데이터시트상세설명
logo
TriQuint Semiconductor
TGA4816-EPU TRIQUINT-TGA4816-EPU Datasheet
107Kb / 7P
10Gb/s Differential TIA
logo
Eudyna Devices Inc
F0100612B EUDYNA-F0100612B Datasheet
173Kb / 7P
10Gb/s Receiver Transimpedance Amplifier
F0100613B EUDYNA-F0100613B Datasheet
208Kb / 7P
10Gb/s Receiver Transimpedance Amplifier
logo
Bookham, Inc.
AT10XGC BOOKHAM-AT10XGC Datasheet
624Kb / 6P
High Sensitivity 10Gb/s surface mount coplanar APD preamp receiver
PT10GC BOOKHAM-PT10GC Datasheet
762Kb / 6P
10Gb/s Coplanar PIN Preamp Receiver
PT10XGC BOOKHAM-PT10XGC Datasheet
530Kb / 5P
10Gb/s High Sensitivity Coplanar PIN Preamp Receiver
logo
Integrated Device Techn...
HXT5004A IDT-HXT5004A Datasheet
254Kb / 2P
4 Channel 10Gb/s VCSEL Driver
HXR5004A IDT-HXR5004A Datasheet
148Kb / 2P
4 Channel 10Gb/s Receiver
HXR6104 IDT-HXR6104 Datasheet
195Kb / 2P
4 Channel 16Gb/s Receiver
HXR6204 IDT-HXR6204 Datasheet
195Kb / 2P
4 Channel 28Gb/s Receiver
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com