전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HXR6101 데이터시트(PDF) 1 Page - Integrated Device Technology

부품명 HXR6101
상세설명  16Gbps TIA Receiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

HXR6101 데이터시트(HTML) 1 Page - Integrated Device Technology

  HXR6101 Datasheet HTML 1Page - Integrated Device Technology HXR6101 Datasheet HTML 2Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2018 Integrated Device Technology, Inc.
1
March 5, 2018
1 6 Gbps T I A Re c e ive r
H X R6 1 0 1
Da t a she e t
Description
The
HXR6101
Trans-impedance
Limiting
Amplifier is targeted at the optical links market.
Together with a PIN detector, high-capacity,
high-availability optical links can be designed for
datacom applications.
The 3.3V SiGe device integrates the trans-
impedance pre-amplifier, the limiting post-
amplifier and a versatile CML output stage for a
single 16 Gbps channel.
Typical Applications
• IEEE 802.3ae Ethernet transceivers
• InfiniBand QDR & FDR active cables
• Proprietary optical modules
Block Diagram
Features
• 20 µApp receiver sensitivity for 10-12 BER at
10.3 Gbps
• Better than 3 mApp overload
• 60 mW power consumption with low power
setting
• Adjustable output swing size and pre-
emphasis mode and signal detect threshold
• A/D read-out of temperature, RSSI
information
Ordering Information
Part
Temp Range
Pin-Package
HXR6101-DNT
0°C to +85°C
Bare Die
750um x 750um
HXR6101-EVB
Room Temp
Evaluation Board
For price, delivery schedules, and to place orders,
please contact IDT: www.IDT.com/go/sales
Figure 1: Block Diagram


유사한 부품 번호 - HXR6101

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
HXR6104 IDT-HXR6104 Datasheet
195Kb / 2P
4 Channel 16Gb/s Receiver
HXR6104-DNT IDT-HXR6104-DNT Datasheet
195Kb / 2P
4 Channel 16Gb/s Receiver
HXR6104-EVB IDT-HXR6104-EVB Datasheet
195Kb / 2P
4 Channel 16Gb/s Receiver
More results

유사한 설명 - HXR6101

제조업체부품명데이터시트상세설명
logo
Zarlink Semiconductor I...
PX6420 ZARLINK-PX6420 Datasheet
395Kb / 3P
Multi-Rate TIA/LA Optical Receiver
logo
Optoway Technology Inc
PT-5130 OPTOWAY-PT-5130 Datasheet
90Kb / 2P
3.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA Receiver
logo
Source Photonics, Inc.
T-11-1250-P-SFC SOURCE-T-11-1250-P-SFC Datasheet
613Kb / 4P
PIN-TIA Receiver Modules (5V)
T-11-2500-P3-SSC-APC-01 SOURCE-T-11-2500-P3-SSC-APC-01 Datasheet
460Kb / 3P
2.5Gbps PIN-TIA Receiver Modules (3.3V)
T-11-2315T-04 SOURCE-T-11-2315T-04 Datasheet
502Kb / 3P
155Mbps PIN-TIA Receiver Modules
T-11-2315C-02 SOURCE-T-11-2315C-02 Datasheet
567Kb / 3P
155Mbps PIN-TIA Receiver Modules
T-11-2315T-08 SOURCE-T-11-2315T-08 Datasheet
157Kb / 4P
155Mbps PIN-TIA Receiver modules
logo
Integrated Device Techn...
HXR8212 IDT-HXR8212 Datasheet
178Kb / 2P
28G - 12 Channel TIAPA Receiver
HXR42100 IDT-HXR42100 Datasheet
153Kb / 2P
28G - 1 Channel TIAPA Receiver
logo
Renesas Technology Corp
NR4211TH RENESAS-NR4211TH Datasheet
772Kb / 8P
RECEIVER (Limiting TIA, with DCA function)
Sep 13, 2012
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com