전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HXR8201 데이터시트(PDF) 1 Page - Integrated Device Technology

부품명 HXR8201
상세설명  28G -1 Channel TIAPA Receiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IDT [Integrated Device Technology]
홈페이지  http://www.idt.com
Logo IDT - Integrated Device Technology

HXR8201 데이터시트(HTML) 1 Page - Integrated Device Technology

  HXR8201 Datasheet HTML 1Page - Integrated Device Technology HXR8201 Datasheet HTML 2Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
28G – 1 Channel TIA+PA Receiver
HXR8201
Short-Form Datasheet
© 2018 Integrated Device Technology, Inc.
1
August 26, 2018
Description
The HXR8201 Trans-impedance Limiting Amplifier array is a
member of IDT’s family of Optical Receiver Transmitter Array
(ORTA) products targeted at the short-reach fiber optic links market.
Together with a discrete pin detector array, high-capacity and high-
availability optical links can be designed for Datacom and
enterprise applications. This product is ideal for 25G fan-out
module applications.
The 3.3V SiGe device integrates the trans-impedance pre-amplifier,
the limiting post-amplifier, and a versatile CML output stage for a
single, differential electrical channel.
Typical Applications
28G Ethernet SR Fan-out modules
32G Fibre Channel modules
InfiniBand EDR 25G Transceivers / AOC
Proprietary multi-channel optical modules
Features
60
μApp receiver sensitivity for 10-12 BER at 28Gbps
Better than 2.4mApp overload
128mW per channel power consumption
Adjustable output swing size, pre-emphasis, and signal detect
threshold
Independent, scalable RSSI output
Optimized for isolated and common cathode photo-detector
arrays from multiple vendors
I2C compatible serial interface
Suitable for TO can applications
SFP28+ MSA compatible
Block Diagram


유사한 부품 번호 - HXR8201

제조업체부품명데이터시트상세설명
logo
Integrated Device Techn...
HXR8204 IDT-HXR8204 Datasheet
150Kb / 2P
28G - Quad TIAPA Receiver Array
HXR8204-DNT IDT-HXR8204-DNT Datasheet
150Kb / 2P
28G - Quad TIAPA Receiver Array
HXR8204-EVB IDT-HXR8204-EVB Datasheet
150Kb / 2P
28G - Quad TIAPA Receiver Array
More results

유사한 설명 - HXR8201

제조업체부품명데이터시트상세설명
logo
Optoway Technology Inc
PT-5130 OPTOWAY-PT-5130 Datasheet
90Kb / 2P
3.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA Receiver
logo
Source Photonics, Inc.
T-11-1250-P-SFC SOURCE-T-11-1250-P-SFC Datasheet
613Kb / 4P
PIN-TIA Receiver Modules (5V)
T-11-2315T-04 SOURCE-T-11-2315T-04 Datasheet
502Kb / 3P
155Mbps PIN-TIA Receiver Modules
T-11-2315T-08 SOURCE-T-11-2315T-08 Datasheet
157Kb / 4P
155Mbps PIN-TIA Receiver modules
logo
Integrated Device Techn...
HXT8201 IDT-HXT8201 Datasheet
133Kb / 2P
28G ??1 Channel VCSEL Driver
HXT42100 IDT-HXT42100 Datasheet
231Kb / 3P
28G ??1 Channel DML Driver
HXR6101 IDT-HXR6101 Datasheet
121Kb / 2P
16Gbps TIA Receiver
HXR8204 IDT-HXR8204 Datasheet
150Kb / 2P
28G - Quad TIAPA Receiver Array
HXR8212 IDT-HXR8212 Datasheet
178Kb / 2P
28G - 12 Channel TIAPA Receiver
HXR42100 IDT-HXR42100 Datasheet
153Kb / 2P
28G - 1 Channel TIAPA Receiver
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com