전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LTC4441IMSE 데이터시트(PDF) 2 Page - Linear Technology

부품명 LTC4441IMSE
상세설명  N-Channel MOSFET Gate Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

LTC4441IMSE 데이터시트(HTML) 2 Page - Linear Technology

  LTC4441IMSE Datasheet HTML 1Page - Linear Technology LTC4441IMSE Datasheet HTML 2Page - Linear Technology LTC4441IMSE Datasheet HTML 3Page - Linear Technology LTC4441IMSE Datasheet HTML 4Page - Linear Technology LTC4441IMSE Datasheet HTML 5Page - Linear Technology LTC4441IMSE Datasheet HTML 6Page - Linear Technology LTC4441IMSE Datasheet HTML 7Page - Linear Technology LTC4441IMSE Datasheet HTML 8Page - Linear Technology LTC4441IMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC4441/LTC4441-1
44411f
2
Supply Voltage
VIN ...................................................................... 28V
DRVCC .................................................................. 9V
Input Voltage
IN .......................................................... –15V to 15V
FB, EN/SHDN ........................ –0.3V to DRVCC + 0.3V
ABSOLUTE MAXIMUM RATINGS
The
● indicates specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 7.5V, DRVCC = 5V, unless otherwise specified.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
TJMAX = 125°C, θJA = 150°C/W
S8 PART
MARKING
44411
4441I1
ELECTRICAL CHARACTERISTICS
RBLANK, BLANK (LTC4441 Only) .......... –0.3V to 5V
OUT Output Current ............................................ 100mA
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Junction Temperature (Note 8) ............................ 125°C
Storage Temperature Range ................. – 65°C to 150°C
Lead Temperature (Soldering, 10 sec) .................. 300°C
ORDER PART
NUMBER
LTC4441ES8-1
LTC4441IS8-1
PACKAGE/ORDER INFORMATION
1
2
3
4
5
PGND
BLANK
RBLANK
SGND
IN
10
9
8
7
6
OUT
DRVCC
VIN
FB
EN/SHDN
TOP VIEW
11
MSE PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 38°C/W (NOTE 3)
EXPOSED PAD (PIN 11) IS GND
MUST BE SOLDERED TO PCB
MSE PART
MARKING
LTBJQ
LTBJP
ORDER PART
NUMBER
LTC4441EMSE
LTC4441IMSE
1
2
3
4
8
7
6
5
TOP VIEW
OUT
DRVCC
VIN
FB
PGND
SGND
IN
EN/SHDN
S8 PACKAGE
8-LEAD PLASTIC SO
(Note 1)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDRVCC
Driver Supply Programmable Range
●
58
V
IVIN
VIN Supply Current
EN/SHDN = 0V, IN = 0V
●
512
µA
EN/SHDN = 5V, IN = 0V
●
250
500
µA
fIN = 100kHz, COUT = 4.7nF (Note 4)
3
6
mA
DRVCC Regulator
VFB
Regulator Feedback Voltage
VIN = 7.5V
●
1.11
1.21
1.31
V
∆VDRVCC(LINE) Regulator Line Regulation
VIN = 7.5V to 25V
9
40
mV
∆VDRVCC(LOAD) Load Regulation
Load = 0mA to 40mA
–0.1
%
VDROPOUT
Regulator Dropout Voltage
Load = 40mA
370
mV
VUVLO
FB Pin UVLO Voltage
Rising Edge
1.09
V
Falling Edge
0.97
V
Input
VIH
IN Pin High Input Threshold
Rising Edge
●
2
2.4
2.8
V
VIL
IN Pin Low Input Threshold
Falling Edge
●
1
1.4
1.8
V
VIH-VIL
IN Pin Input Voltage Hysteresis
Rising-Falling Edge
1
V
IINP
IN Pin Input Current
VIN = ±10V
●
±0.01
±10
µA
IEN/SHDN
EN/SHDN Pin Input Current
VEN/SHDN = 9V
●
±0.01
±1
µA
VSHDN
EN/SHDN Pin Shutdown Threshold
Falling Edge
0.45
V
VEN
EN/SHDN Pin Enable Threshold
Rising Edge
1.21
V
Falling Edge
●
1.036
1.09
1.145
V
VEN(HYST)
EN/SHDN Pin Enable Hysteresis
Rising-Falling Edge
0.12
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12