전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STV0974ETR 데이터시트(PDF) 14 Page - STMicroelectronics

부품명 STV0974ETR
상세설명  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974ETR 데이터시트(HTML) 14 Page - STMicroelectronics

Back Button STV0974ETR Datasheet HTML 10Page - STMicroelectronics STV0974ETR Datasheet HTML 11Page - STMicroelectronics STV0974ETR Datasheet HTML 12Page - STMicroelectronics STV0974ETR Datasheet HTML 13Page - STMicroelectronics STV0974ETR Datasheet HTML 14Page - STMicroelectronics STV0974ETR Datasheet HTML 15Page - STMicroelectronics STV0974ETR Datasheet HTML 16Page - STMicroelectronics STV0974ETR Datasheet HTML 17Page - STMicroelectronics STV0974ETR Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 69 page
background image
14/61
STV0974
Functional description
4.4.1
Raster to block converter
This block transforms the raster scan ordered data into block based ordered data. This data
ordering is compliant with ISO DIS 10918-1 Annex A - Section A.2.
The sequence of the input data stream is the following: line 1 from left to right up to pixel n, then line
2 from left to right......up to line m, pixel n.
The output data stream sequence is block based. The image is segmented into MCU (minimum
coded units) as illustrated in
Figure 5.
Figure 4: Data sequence at Raster to block input
Figure 5: MCU data order
YU Y V YU Y V YU Y V
YU Y V YU Y V
Y U Y V Y U Y V YU Y V
YU Y V YU Y V
YU Y V YU Y V YU Y V
YU Y V YU Y V
YU Y V YU Y V Y U Y V
Y U Y V Y U Y V
YU Y V YU Y V Y U Y V
Y U Y V Y U Y V
YU Y V YU Y V YU Y V
YU Y V YU Y V
YU Y V YU Y V YU Y V
YU Y V YU Y V
Y U Y V Y U Y V YU Y V
YU Y V YU Y V
YU Y V YU Y V Y U Y V
Y U Y V Y U Y V
YU Y V YU Y V YU Y V
YU Y V YU Y V
YU Y V YU Y V YU Y V
YU Y V YU Y V
Y U Y V Y U Y V YU Y V
YU Y V YU Y V
YU Y V YU Y V YU Y V
YU Y V YU Y V
YU Y V YU Y V Y U Y V
Y U Y V Y U Y V
line 1
line m
pixel 1
pixel n
line 1
line n
pixel 1
pixel n
MCU(1,1)
MCU(2,1)
MCU (n/16 -1,1) MCU (n/16,1)
MCU(2,1)
MCU(1,n/8)
MCU(2,n/8)
MCU(n/16 -1,n/8) MCU (n/16,n/8)
8 pixels
16 pixels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69